Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F533SCX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F533SCX
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F533SCX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F533SCX Datasheet HTML 1Page - National Semiconductor (TI) 74F533SCX Datasheet HTML 2Page - National Semiconductor (TI) 74F533SCX Datasheet HTML 3Page - National Semiconductor (TI) 74F533SCX Datasheet HTML 4Page - National Semiconductor (TI) 74F533SCX Datasheet HTML 5Page - National Semiconductor (TI) 74F533SCX Datasheet HTML 6Page - National Semiconductor (TI) 74F533SCX Datasheet HTML 7Page - National Semiconductor (TI) 74F533SCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9548
May 1995
54F74F533
Octal Transparent Latch with TRI-STATE
Outputs
General Description
The ’F533 consists of eight latches with TRI-STATE outputs
for bus organized system applications The flip-flops appear
transparent to the data when Latch Enable (LE) is HIGH
When LE is LOW the data that meets the setup times is
latched Data appears on the bus when the Output Enable
(OE) is LOW When OE is HIGH the bus output is in the high
impedance state The ’F533 is the same as the ’F373 ex-
cept that the outputs are inverted
Features
Y
Eight latches in a single package
Y
TRI-STATE outputs for bus interfacing
Y
Inverted version of the ’F373
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F533PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F533DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F533SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F533SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F533FM (Note 2)
W20A
20-Lead Cerpack
54F533LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
Connection Diagrams
IEEEIEC
TLF9548 – 4
TLF9548 – 1
Pin Assignment
for DIP SOIC and Flatpak
TLF9548 – 2
Pin Assignment
for LCC
TLF9548 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F533SCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F533SC FAIRCHILD-74F533SC Datasheet
80Kb / 7P
Octal Transparent Latch with 3-STATE Outputs
More results

Similar Description - 74F533SCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
74LVX373 NSC-74LVX373 Datasheet
141Kb / 8P
Low Voltage Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
Octal D-Type Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com