Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC420-R47M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC420-R47M-RC
Description  SMD High Current Shielded Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC420-R47M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC420-R47M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC420
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1781
www.alliedcomponents.com
RoHS
REVISED 10/14/2015
Features
• Magnetically shielded construction
Electrical
Inductance Range:
.22µH to 22µH additonal
Tolerance:
As noted.
Operating Temp:
-40ºC ~ +125ºC
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
HP 4284A LCR meter or equivalent
• High saturation current up to 15A
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
Chen HWA502
Irms:
40ºC above ambient 25ºC.
Test Frequency
: 100KHz, 0.1V
• Ultra low buzz due to unibody construction
• Expanded operating temp range
Immersion Time:
10 sec. ± 1 sec.
Part temperature should not exceed 125ºC
.159±.009
(4.06±0.25)
(4.45±0.25)
.175±.009
(2.0 Max)
.079 Max
(2.0±0.25)
.079±.009
.04±0.011
(1.0±0.3)
including temperature rise.
• Low DC Resistance
values available.
Physical
Packaging:
4000 pieces per 13 inch reel.
Marking:
EIA Inductance Code
IDC:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms
(A
)
Test
Frequency
(KHz, 0.1V)
T
olerance
(±%)
RDC
PCHC420-R22M-RC
PCHC420-R33M-RC
PCHC420-R47M-RC
PCHC420-3R3L-RC
PCHC420-4R7L-RC
PCHC420-6R8L-RC
PCHC420-100L-RC
PCHC420-220L-RC
Isat
(A)
.22
.33
.47
3.3
4.7
6.8
10
22
6.4 (5.3)
7.2 (6)
9.8 (8.2)
58.8 (49)
80.4 (67)
109.2 (91)
177.6 (148)
379.2 (316)
20
20
20
15
15
15
15
15
100
100
100
100
100
100
100
100
15
12.6
11
4.1
3.4
2.8
2.3
1.6
10.1
8.9
8.1
3.3
2.9
2.4
1.9
1.3
Max(Typ)
(Recommended PCB Pattern)
0.099
(2.5)
.086
(2.2)
Max
Max
mΩ
PCHC420-1R2M-RC
1.20
20.4 (17)
20
100
6.8
5.5
PCHC420-1R5M-RC
1.50
27.6 (23)
20
100
5.8
4.9
PCHC420-2R2L-RC
2.2
42 (35)
15
100
4.5
3.9
.204
(5.2)
Current at which the temp will rise by
Isat:
Current at which the (L) will drop by
no more than 30% of its initial value at 25ºC.
Dimensions:
Inches
(mm)


Similar Part No. - PCHC420-R47M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC420R8 ALLIED-PCHC420R8 Datasheet
360Kb / 1P
SMD High Current Shielded Choke
PCHC420R8-100M-RC ALLIED-PCHC420R8-100M-RC Datasheet
360Kb / 1P
SMD High Current Shielded Choke
PCHC420R8-1R0M-RC ALLIED-PCHC420R8-1R0M-RC Datasheet
360Kb / 1P
SMD High Current Shielded Choke
PCHC420R8-1R5M-RC ALLIED-PCHC420R8-1R5M-RC Datasheet
360Kb / 1P
SMD High Current Shielded Choke
PCHC420R8-2R2M-RC ALLIED-PCHC420R8-2R2M-RC Datasheet
360Kb / 1P
SMD High Current Shielded Choke
More results

Similar Description - PCHC420-R47M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC63A ALLIED-PCHC63A Datasheet
351Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC515R8 ALLIED-PCHC515R8 Datasheet
397Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC618R8A ALLIED-PCHC618R8A Datasheet
395Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com