Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAC60-R10L-RC Datasheet(PDF) 1 Page - Allied Components International

Part # SMAC60-R10L-RC
Description  Surface Mount Air Core Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMAC60-R10L-RC Datasheet(HTML) 1 Page - Allied Components International

  SMAC60-R10L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Air Core Inductor
SMAC60
15
Allied
Part
Number
SMAC60-R10L-RC
100
Inductance
Tolerance
Recommended Land Pattern
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Dimensions: (mm)
15.0
DCR
Max.
(mΩ)
All specifications subject to change without notice.
02/17/2016
Features
• Small low profile air core design
• High SRF’s for high frequency applications
Flat top cap for pick and place assembly
• Excellent for high Q applications
•
Test Equipment
DCR: Zentech 502A
Inductance: Agilent/HP16193 Fixture in Agilent/4291B
Physical
Packaging: 1500 pieces per Reel
Marking: None
(nh)
(%)
200/0.5V
Test
Freq.
(MHz)
10.67±0.381
11.8 Max.
0.7 Max.
4.826±0.76
UV Coating Void Appearance Tolerance Limit
a
a≦W/3 Good
a≧W/3 NG
10.67
1.27
• Operating Temp: -40ºC ~ +125ºC
Material List
Wire: Polyester Enameled Copper Wire
Epoxy: UV Coating
15
SMAC60-R30L-RC
300
49.0
200/0.5V


Similar Part No. - SMAC60-R10L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMAC0312 ALLIED-SMAC0312 Datasheet
1Mb / 1P
wire
SMAC0312-1R15K ALLIED-SMAC0312-1R15K Datasheet
1Mb / 1P
wire
SMAC0312-3R25K ALLIED-SMAC0312-3R25K Datasheet
1Mb / 1P
wire
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
Surface Mount Air Core Inductors
SMAC10-2-RC ALLIED-SMAC10-2-RC Datasheet
316Kb / 1P
Surface Mount Air Core Inductors
More results

Similar Description - SMAC60-R10L-RC

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-19530 RHOMBUS-IND-L-19530 Datasheet
16Kb / 1P
SURFACE MOUNT DRUM CORE INDUCTOR
logo
Allied Components Inter...
SMAC10-2-RC ALLIED-SMAC10-2-RC Datasheet
316Kb / 1P
Surface Mount Air Core Inductors
SMAC20-1-RC ALLIED-SMAC20-1-RC Datasheet
299Kb / 1P
Surface Mount Air Core Inductors
SMAC25-22NJ-RC ALLIED-SMAC25-22NJ-RC Datasheet
669Kb / 1P
Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
400Kb / 1P
Surface Mount Air Core Inductors
SMAC20-1K-RC ALLIED-SMAC20-1K-RC Datasheet
398Kb / 1P
Surface Mount Air Core Inductors
SMAC25-22G-RC ALLIED-SMAC25-22G-RC Datasheet
662Kb / 1P
Surface Mount Air Core Inductors
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
Surface Mount Air Core Inductors
SMAC20-30 ALLIED-SMAC20-30 Datasheet
398Kb / 1P
Surface Mount Air Core Inductors
SMAC25 ALLIED-SMAC25 Datasheet
662Kb / 1P
Surface Mount Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com