Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1047607 Datasheet(PDF) 2 Page - SICK AG

Part # 1047607
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1047607 Datasheet(HTML) 2 Page - SICK AG

  1047607 Datasheet HTML 1Page - SICK AG 1047607 Datasheet HTML 2Page - SICK AG 1047607 Datasheet HTML 3Page - SICK AG 1047607 Datasheet HTML 4Page - SICK AG 1047607 Datasheet HTML 5Page - SICK AG 1047607 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LMS151-10100 | LMS1xx
2D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
LMS151-10100
1047607
Other models and accessories
www.sick.com/LMS1xx
Detailed technical data
Features
Field of application
Outdoor
Light source
Infrared (905 nm)
Laser class
1 (IEC 60825-1 (2007-3))
Aperture angle
270°
Scanning frequency
25 Hz / 50 Hz
Angular resolution
0.25°
0.5°
Heating
Yes
Operating range
0.5 m ... 50 m
Max. range with 10 % reflectivity
18 m
Amount of evaluated echoes
2
Fog correction
Yes
Performance
Response time
≥ 20 ms
Detectable object shape
Almost any
Systematic error
± 30 mm 1)
Statistical error
12 mm 1)
Integrated application
Field evaluation with flexible fields
Number of field sets
10 fields
Simultaneous evaluation cases
10
1) Typical value; actual value depends on environmental conditions.
Interfaces
Serial (RS-232)
✔
Function Host, AUX
Data transmission rate 9.6 kBaud ... 115.2 kBaud



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com