Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4002M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4002M
Description  Dual 4-Input NOR(NAND) Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4002M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4002M Datasheet HTML 1Page - National Semiconductor (TI) CD4002M Datasheet HTML 2Page - National Semiconductor (TI) CD4002M Datasheet HTML 3Page - National Semiconductor (TI) CD4002M Datasheet HTML 4Page - National Semiconductor (TI) CD4002M Datasheet HTML 5Page - National Semiconductor (TI) CD4002M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5940
March 1988
CD4002MCD4002C Dual 4-Input NOR Gate
CD4012MCD4012C Dual 4-Input NAND Gate
General Description
These NOR and NAND gates are monolithic complementa-
ry MOS (CMOS) integrated circuits The N- and P-channel
enhancement mode transistors provide a symmetrical cir-
cuit with output swings essentially equal to the supply volt-
age This results in high noise immunity over a wide supply
voltage range No DC power other than that caused by leak-
age current is consumed during static conditions All inputs
are protected against static discharge and latching condi-
tions
Features
Y
Wide supply voltage range
30V to 15V
Y
Low power
10 nW (typ)
Y
High noise immunity
045 VDD (typ)
Applications
Y
Automotive
Y
Alarm system
Y
Data terminals
Y
Industrial controls
Y
Instrumentation
Y
Remote metering
Y
Medical Electronics
Y
Computers
Connection Diagrams
CD4002
Dual-In-Line Package
TLF5940 – 1
Top View
CD4012
Dual-In-Line Package
TLF5940 – 2
Top View
Order Number CD4002 or CD4012
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4002M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4002M NSC-CD4002M Datasheet
113Kb / 6P
Dual 4-Input NOR(NAND) Gate
CD4002M NSC-CD4002M Datasheet
113Kb / 6P
Dual 4-Input NOR(NAND) Gate
More results

Similar Description - CD4002M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
NXP Semiconductors
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
Dual 4-input NOR gate
January 1995
logo
STMicroelectronics
M54HC4002 STMICROELECTRONICS-M54HC4002 Datasheet
233Kb / 9P
DUAL 4 INPUT NOR GATE
Oct-1992
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
DUAL 4-INPUT NOR GATE
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
Dual 4-Input NOR Gate
logo
National Semiconductor ...
CD4012C NSC-CD4012C Datasheet
113Kb / 6P
Dual 4-Input NOR(NAND) Gate
CD4012M NSC-CD4012M Datasheet
113Kb / 6P
Dual 4-Input NOR(NAND) Gate
logo
STMicroelectronics
HCF4002B STMICROELECTRONICS-HCF4002B_01 Datasheet
131Kb / 7P
DUAL 4-INPUT NOR GATE
Sep-2001
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
Dual 4-input NOR gate
74HCT4002-Q100 NEXPERIA-74HCT4002-Q100 Datasheet
716Kb / 14P
Dual 4-input NOR gate
Rev. 1 - 18 July 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com