Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4008BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4008BC
Description  4-Bit Full Adder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4008BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4008BC Datasheet HTML 1Page - National Semiconductor (TI) CD4008BC Datasheet HTML 2Page - National Semiconductor (TI) CD4008BC Datasheet HTML 3Page - National Semiconductor (TI) CD4008BC Datasheet HTML 4Page - National Semiconductor (TI) CD4008BC Datasheet HTML 5Page - National Semiconductor (TI) CD4008BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5944
February 1988
CD4008BMCD4008BC 4-Bit Full Adder
General Description
The CD4008B types consist of four full-adder stages with
fast look-ahead carry provision from stage to stage Circuitry
is included to provide a fast ‘‘parallel-carry-out’’ bit to permit
high-speed operation in arithmetic sections using several
CD4008B’s CD4008B inputs include the four sets of bits to
be added A1 to A4 and B1 to B4 in addition to the ‘‘Carry
in’’ bit from a previous section CD4008B outputs include
the four sum bits S1 and S4 in addition to the high-speed
‘‘parallel-carry-out’’ which may be utilized at a succeeding
CD4008B section
All inputs are protected from damage due to static dis-
charge by diode clamps to VDD and GND
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VCC (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
4 sum outputs plus parallel look-ahead carry-output
Y
Quiescent current specified to 15V
Y
Maximum input leakage of 1 mA at 15V (full package
temperature range)
Block Diagram
TLF5944 – 1
Truth Table
Ai
Bi
Ci
C0
SUM
000
0
0
100
0
1
010
0
1
110
1
0
001
0
1
101
1
0
011
1
0
111
1
1
Connection Diagram
Dual-In-Line Package
TLF5944 – 2
Top View
Order Number CD4008B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4008BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4008BMS INTERSIL-CD4008BMS Datasheet
67Kb / 8P
CMOS 4-Bit Full Adder With Parallel Carry Out
November 1994
More results

Similar Description - CD4008BC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
4-Bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
4-Bit Full Adder
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
4-bit binary full adder
January 1995
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
4-bit Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
4-BIT BINARY FULL ADDER
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
4-BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
4-bit Binary Full Adder
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
4-Bit Full Adder
April, 2013 ??Rev. 7
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
4-Bit Full Adder
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com