Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4029 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4029
Description  Presettable Binary/Decade Up/Down Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4029 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4029 Datasheet HTML 1Page - National Semiconductor (TI) CD4029 Datasheet HTML 2Page - National Semiconductor (TI) CD4029 Datasheet HTML 3Page - National Semiconductor (TI) CD4029 Datasheet HTML 4Page - National Semiconductor (TI) CD4029 Datasheet HTML 5Page - National Semiconductor (TI) CD4029 Datasheet HTML 6Page - National Semiconductor (TI) CD4029 Datasheet HTML 7Page - National Semiconductor (TI) CD4029 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5960
February 1988
CD4029BMCD4029BC Presettable
BinaryDecade UpDown Counter
General Description
The CD4029BMCD4029BC is a presettable updown
counter which counts in either binary or decade mode de-
pending on the voltage level applied at binarydecade input
When binarydecade is at logical ‘‘1’’ the counter counts in
binary otherwise it counts in decade Similarly the counter
counts up when the updown input is at logical ‘‘1’’ and vice
versa
A logical ‘‘1’’ preset enable signal allows information at the
‘‘jam’’ inputs to preset the counter to any state asynchro-
nously with the clock The counter is advanced one count at
the positive-going edge of the clock if the carry in and pre-
set enable inputs are at logical ‘‘0’’ Advancement is inhibit-
ed when either or both of these two inputs is at logical ‘‘1’’
The carry out signal is normally at logical ‘‘1’’ state and goes
to logical ‘‘0’’ state when the counter reaches its maximum
count in the ‘‘up’’ mode or the minimum count in the ‘‘down’’
mode provided the carry input is at logical ‘‘0’’ state
All inputs are protected against static discharge by diode
clamps to both VDD and VSS
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power
fan out of 2
TTL compatibility
driving 74L
or 1 driving 74LS
Y
Parallel jam inputs
Y
Binary or BCD decade updown counting
Logic Diagram
TLF5960 – 1
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4029

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4029 NSC-CD4029 Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD4029 TI-CD4029 Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
CD4029 FAIRCHILD-CD4029 Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Intersil Corporation
CD4029 INTERSIL-CD4029 Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
Texas Instruments
CD4029 TI1-CD4029 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
More results

Similar Description - CD4029

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
Binary/Decade Up/Down Counter
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Sep-2002
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
STMicroelectronics
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
PRESETTABLE BINARY UP/DOWN COUNTER
Sep-2002
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com