Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS96C Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS96C
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS96C Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS96C Datasheet HTML 1Page - Vectron International, Inc TFS96C Datasheet HTML 2Page - Vectron International, Inc TFS96C Datasheet HTML 3Page - Vectron International, Inc TFS96C Datasheet HTML 4Page - Vectron International, Inc TFS96C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: TFS96C.doc
Version 1.2
20.05.2011
Vectron International
Filter specification
TFS 96C
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
7X2,54=17,78
1 2 3
6 7 8
9
10
11
14
15
16
ø 0,50Max.
25,0 Max.
1
Date code
91.6
92.6
93.6
94.6
95.6
96.6
97.6
98.6
99.6
100.6
101.6
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
insertion loss: -6.29 dB
96.3
96.36
96.42
96.48
96.54
96.6
96.66
96.72
96.78
96.84
96.9
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
96.3
96.36
96.42
96.48
96.54
96.6
96.66
96.72
96.78
96.84
96.9
-0.04
0.92
1.88
2.84
3.8
4.76
5.72
6.68
7.64
8.6
9.56
frequency in MHz
Filter characteristic
Construction and pin connection
(All dimensions in mm)
50 Ohm Test circuit
1,6,7,8,9,14,15,16
C1
L
1
L2
C2
SAW
2
11
3
10
1
Ground
2
Input RF Return
3
Input
6
Ground
7
Ground
8
Ground
9
Ground
10
Output RF Return
11
Output
14
Ground
15
Ground
16
Ground
Date code:
Year + week
B
2011
C
2012
D
2013
...
TFS 96C
●
B05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com