Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4042BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4042BC
Description  Quad Clocked D Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4042BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4042BC Datasheet HTML 1Page - National Semiconductor (TI) CD4042BC Datasheet HTML 2Page - National Semiconductor (TI) CD4042BC Datasheet HTML 3Page - National Semiconductor (TI) CD4042BC Datasheet HTML 4Page - National Semiconductor (TI) CD4042BC Datasheet HTML 5Page - National Semiconductor (TI) CD4042BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5966
March 1988
CD4042BMCD4042BC Quad Clocked D Latch
General Description
The CD4042BMCD4042BC quad clocked ‘‘D’’ latch is a
monolithic complementary MOS (CMOS) integrated circuit
constructed with P- and N-channel enhancement mode
transistors The outputs Q and Q either latch or follow the
data input depending on the clock level which is pro-
grammed by the polarity input For polarity e 0 the informa-
tion present at the data input is transferred to Q and Q
during 0 clock level and for polarity e 1 the transfer occurs
during the 1 clock level When a clock transition occurs
(positive for polarity e 0 and negative for polarity e 1) the
information present at the input during the clock transition is
retained at the outputs until an opposite clock transition oc-
curs
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Clock polarity control
Y
Fully buffered data inputs
Y
Q and Q outputs
Connection Diagram
Dual-In-Line Package
TLF5966 – 1
Top View
Truth Table
Clock
Polarity
Q
00
D
L
0
Latch
11
D
K
1
Latch
Order Number CD4042B
Logic Diagrams
TLF5966 – 2
TLF5966 – 3
TLF5966 – 4
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4042BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4042B TI-CD4042B Datasheet
599Kb / 12P
CMOS Quad Clocked "D" Latch
CD4042B TI1-CD4042B Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
CD4042B-MIL TI1-CD4042B-MIL Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
CD4042BD TI-CD4042BD Datasheet
599Kb / 12P
CMOS Quad Clocked "D" Latch
CD4042BD TI1-CD4042BD Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
More results

Similar Description - CD4042BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
QUAD CLOCKED D LATCH
Jun-1989
M54HC375 STMICROELECTRONICS-M54HC375 Datasheet
245Kb / 11P
QUAD D TYPE LATCH
Feb-1993
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
Quad D latch
logo
Intersil Corporation
CD4042BMS INTERSIL-CD4042BMS Datasheet
63Kb / 8P
CMOS Quad Clocked “D” Latch
December 1992
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
logo
Texas Instruments
CD4042B TI-CD4042B Datasheet
599Kb / 12P
CMOS Quad Clocked "D" Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
QUAD CLOCKED LATCH
logo
Motorola, Inc
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
Dual Clocked Latch
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
QUAD CLOCKED D LATCH
Sep-2001
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
CMOS Quad Clocked D Latch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com