Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4043BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4043BC
Description  Quad TRI-STATE NOR(NAND) R/S Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4043BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4043BC Datasheet HTML 1Page - National Semiconductor (TI) CD4043BC Datasheet HTML 2Page - National Semiconductor (TI) CD4043BC Datasheet HTML 3Page - National Semiconductor (TI) CD4043BC Datasheet HTML 4Page - National Semiconductor (TI) CD4043BC Datasheet HTML 5Page - National Semiconductor (TI) CD4043BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4043BCCD4044BC (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIL
Low Level
lIOl s 1 mA
Input Voltage
VDD e 50V VO e 05V or 45V
15
225
15
15
V
VDD e 10V VO e 10V or 90V
30
45
30
30
V
VDD e 15V VO e 15V or 135V
40
675
40
40
V
VIH
High Level
lIOl s 1 mA
Input Voltage
VDD e 50V VO e 05V or 45V
35
35
35
V
VDD e 50V VO e 10V or 90V
70
70
70
V
VDD e 15V VO e 15V or 135V
11
11
11
V
IOL
Low Level
VIL e 0V VIH e VDD
Output Current
VDD e 50V VO e 04V
052
044
088
036
mA
(Note 3)
VDD e 10V VO e 05V
13
11
22
09
mA
VDD e 15V VO e 15V
36
30
60
24
mA
IOH
High Level
VIL e 0V VIH e VDD
Output Current
VDD e 50V VO e 46V
b
052
b
044
b
032
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
08
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
24
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
03
b
10
m
A
VDD e 15V VIN e 15V
03
03
10
m
A
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k input tr e tf e 20 ns unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH tPHL
Propagation Delay S or R to Q
VDD e 50V
175
350
ns
VDD e 10V
75
175
ns
VDD e 15V
60
120
ns
tPZH tPHZ
Propagation Delay Enable to Q (High)
VDD e 50V
115
230
ns
VDD e 10V
55
110
ns
VDD e 15V
40
80
ns
tPZL tPLZ
Propagation Delay Enable to Q (Low)
VDD e 50V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tTHL tTLH
Transition Time
VDD e 50V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWO
Minimum SET or RESET Pulse Width
VDD e 50V
80
160
ns
VDD e 10V
40
80
ns
VDD e 15V
20
40
ns
CIN
Input Capacitance
50
75
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com