Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4047BM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4047BM
Description  Low Power Monostable/Astable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4047BM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4047BM Datasheet HTML 1Page - National Semiconductor (TI) CD4047BM Datasheet HTML 2Page - National Semiconductor (TI) CD4047BM Datasheet HTML 3Page - National Semiconductor (TI) CD4047BM Datasheet HTML 4Page - National Semiconductor (TI) CD4047BM Datasheet HTML 5Page - National Semiconductor (TI) CD4047BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5969
October 1993
CD4047BMCD4047BC Low Power
MonostableAstable Multivibrator
General Description
CD4047B is capable of operating in either the monostable
or astable mode It requires an external capacitor (between
pins 1 and 3) and an external resistor (between pins 2 and
3) to determine the output pulse width in the monostable
mode and the output frequency in the astable mode
Astable operation is enabled by a high level on the astable
input or low level on the astable input The output frequency
(at 50% duty cycle) at Q and Q outputs is determined by the
timing components A frequency twice that of Q is available
at the Oscillator Output a 50% duty cycle is not guaranteed
Monostable operation is obtained when the device is trig-
gered by low-to-high transition at a trigger input or high-to-
low transition at b trigger input The device can be retrig-
gered by applying a simultaneous low-to-high transition to
both the a trigger and retrigger inputs
A high level on Reset input resets the outputs Q to low Q to
high
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
SPECIAL FEATURES
Y
Low power consumption special CMOS oscillator con-
figuration
Y
Monostable (one-shot) or astable (free-running) opera-
tion
Y
True and complemented buffered outputs
Y
Only one external R and C required
MONOSTABLE MULTIVIBRATOR FEATURES
Y
Positive- or negative-edge trigger
Y
Output pulse width independent of trigger pulse dura-
tion
Y
Retriggerable option for pulse width expansion
Y
Long pulse widths possible using small RC components
by means of external counter provision
Y
Fast recovery time essentially independent of pulse
width
Y
Pulse-width accuracy maintained at duty cycles ap-
proaching 100%
ASTABLE MULTIVIBRATOR FEATURES
Y
Free-running or gatable operating modes
Y
50% duty cycle
Y
Oscillator output available
Y
Good astable frequency stability
typical
e
g
2% a 003% C
100 kHz
frequency
e
g
05% a 0015% C
10 kHz
deviation
(circuits trimmed to frequency
VDD e 10V g10%)
Applications
Y
Frequency discriminators
Y
Timing circuits
Y
Time-delay applications
Y
Envelope detection
Y
Frequency multiplication
Y
Frequency division
Block and Connection Diagrams
TLF5969 – 1
Dual-In-Line Package
TLF5969 – 2
Top View
Order Number CD4047B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4047BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4047BM TI-CD4047BM Datasheet
508Kb / 15P
CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
National Semiconductor ...
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047BM TI1-CD4047BM Datasheet
1Mb / 21P
CMOS Low-Power Monostable/Astable Multivibrator
CD4047BM TI1-CD4047BM Datasheet
1Mb / 21P
CMOS Low-Power Monostable/Astable Multivibrator
CD4047BM96 TI-CD4047BM96 Datasheet
508Kb / 15P
CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results

Similar Description - CD4047BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
Monostable/astable multivibrator
January 1995
logo
STMicroelectronics
HCC4047B STMICROELECTRONICS-HCC4047B Datasheet
302Kb / 15P
LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Jun-1989
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
Intersil Corporation
CD4047BMS INTERSIL-CD4047BMS Datasheet
127Kb / 15P
CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
National Semiconductor ...
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Sep-2001
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
Monostable/astable multivibrator
Rev. 6 - 17 March 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com