Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS844 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS844
Description  ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS844 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS844 Datasheet HTML 1Page - Linear Integrated Systems LS844 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201144 04/07/2014 Rev#A12 ECN# LS843 LS844 LS845
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
OUTPUT CONDUCTANCE
GOSS
Full Conduction
--
--
40
µS
VDS= 15V
VGS= 0
GOS
Operating
--
2.0
2.7
µS
VDS= 15V
ID= 200µA
│GOS 1-2│
Differential
--
0.02
0.2
µS
COMMON MODE REJECTION
CMRR
-
20 log │∆V GS1-2/ ∆V DS│
90
100
--
dB
VDS= 10 to 20V
ID= 500µA
CMRR
--
85
--
dB
VDS= 5 to 10V
ID= 500µA
NOISE
NF
Figure
--
--
0.5
dB
VDS= 15V
VGS= 0
RG
= 10MΩ
f= 100Hz
NBW= 6Hz
en
Voltage
--
--
7
nV/Hz
VDS= 15V
ID= 500µA
f= 1kHz
NBW= 1Hz
en
Voltage
--
--
11
nV/Hz
VDS= 15V
ID= 500µA
f= 10Hz
NBW= 1Hz
CAPACITANCE
CISS
Input
--
--
8
pF
VDS= 15V
ID= 500µA
f= 1mHz
CRSS
Reverse Transfer
--
--
3
pF
CDD
Drain-to-Drain
--
0.5
--
pF
VDD= 15V
ID= 500µA
f= 1mHz
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing
high-quality discrete components. Expertise brought to LIS is based on processes and products developed
at Amelco, Union Carbide, Intersil and Micro Power Systems by company President John H. Hall. Hall,
a protégé of Silicon Valley legend Dr. Jean Hoerni, was the director of IC Development at Union Carbide,
co-founder and vice president of R&D at Intersil, and founder/president of Micro Power Systems.
NOTES:
1.
These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2.
Derate 4mW/ºC above 25ºC
3.
All MIN/TYP/MAX limits are absolute numbers. Negative signs indicate electrical polarity only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com