Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4047BC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4047BC
Description  Low Power Monostable/Astable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4047BC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CD4047BC Datasheet HTML 1Page - National Semiconductor (TI) CD4047BC Datasheet HTML 2Page - National Semiconductor (TI) CD4047BC Datasheet HTML 3Page - National Semiconductor (TI) CD4047BC Datasheet HTML 4Page - National Semiconductor (TI) CD4047BC Datasheet HTML 5Page - National Semiconductor (TI) CD4047BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Characteristics
Typical Q Q Osc Out Period
Accuracy vs Supply Voltage
(Astable Mode Operation)
TLF5969 – 5
fQ Q
RC
A
1000 kHz
22k
10 pF
B
100 kHz
22k
100 pF
C
10 kHz
220k
100 pF
D
1 kHz
220k
1000 pF
E
100 Hz
22M
1000 pF
Typical Q Q Pulse Width
Accuracy vs Supply Voltage
Monostable Mode Operation
TLF5969 – 6
tM
RC
A
2 ms
22k
10 pF
B
7 ms
22k
100 pF
C
60 ms
220k
100 pF
D
550 ms
220k
1000 pF
E
55 ms
22M
1000 pF
Typical Q Q and Osc Out
Period Accuracy vs Temperature
Astable Mode Operation
TLF5969 – 7
fQ Q
RC
A
1000 kHz
22k
10 pF
B
100 kHz
22k
100 pF
C
10 kHz
220k
100 pF
D
1 kHz
220k
1000 pF
Typical Q and Q Pulse Width
Accuracy vs Temperature
Monostable Mode Operation
TLF5969 – 8
tM
RC
A
2 ms
22k
10 pF
B
7 ms
22k
100 pF
C
60 ms
220k
100 pF
D
550 ms
220k
1000 pF
Timing Diagram
Astable Mode
TLF5969 – 9
Monostable Mode
TLF5969 – 10
Retrigger Mode
TLF5969 – 11
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com