Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3955 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS3955
Description  LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS3955 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS3955 Datasheet HTML 1Page - Linear Integrated Systems LS3955 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201130 05/07/2014 Rev#A11 ECN# LS3954A LS3954 LS3955 LS3956 LS3958
FEATURES
LOW DRIFT
I
ΔVGS1-2/ΔT│=5µV/°C max.
LOW LEAKAGE
IG=20pA TYP.
LOW NOISE
en
=10Nv/√Hz TYP.
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise noted)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Operating Junction Temperature
-55 to +150°C
Maximum Voltage and Current for Each Transistor1
-VGSS
Gate Voltage to Drain or Source 60V
-IG(f)
Gate Forward Current
50mV
Maximum Power Dissipation
Device Dissipation @ Free Air - Total
400mW @ 25ºC2
ELECTRICAL CHARACTERISTICS @ 25ºC (unless otherwise noted)
SYMBOL
CHARACTERISTIC
LS3954A LS3954 LS3955 LS3956 LS3958 UNITS
CONDITIONS
│∆VGS1-2/∆T│max.
Drift vs. Temperature
5
10
25
50
100
µV/ºC
VDG = 20V, ID=200µA
TA = -55ºC to +125ºC
│VGS1-2│max.
Offset Voltage
5
5
10
15
25
mV
VDG =20V, ID=200µA
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
BVGSS
Breakdown Voltage
60
--
--
V
VDS= 0
IG= 1µA
BVGGO
Gate-to-Gate Breakdown
60
--
--
V
IGG= ±1µA
ID= 0
IS= 0
TRANSCONDUCTANCE
gfss
Full Conduction
1000
2000
4000
µS
VDG= 20V
VGS= 0
f = 1kHz
gfs
Typical Operation
500
700
1250
µS
VDG= 20V
ID= 200µA
│gfs1-2/gfs│
Differential
--
±0.6
±3
%
DRAIN CURRENT
IDSS
Full Conduction
0.5
2
5
mA
VDS= 20V
VGS= 0
│IDSS1-2/IDSS│
Differential
--
±1
±5
%
GATE VOLTAGE
VGS(off)
Pinchoff Voltage
-1
-2
-4.5
V
VDS= 20V
ID= 1nA
VGS
Operating Range
-0.5
--
-4
V
VDS= 20V
ID= 200µA
GATE CURRENT
-IG
Operating
--
20
50
pA
VDG= 20V
ID= 200µA
-IG
High Temperature
--
--
50
nA
VDG= 20V
ID= 200µA TA=+125 ºC
-IG
Reduced VDG
--
5
--
pA
VDG= 10V
ID= 200µA
-IGSS
At Full Conduction
--
--
100
pA
VDG= 20V
VDS= 0
LS3954A LS3954
LS3955 LS3956 LS3958
LOW NOISE LOW DRIFT
MONOLITHIC DUAL N-CHANNEL
JFET AMPLIFIER
Top View
SOIC
Top View
TO-71 & TO-78


Similar Part No. - LS3955

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS3955 LINEAR-LS3955 Datasheet
33Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS3955 MICROSS-LS3955 Datasheet
282Kb / 1P
Monolithic Dual N-Channel JFET
LS3955 MICROSS-LS3955 Datasheet
282Kb / 1P
Monolithic Dual N-Channel JFET
LS3955 MICROSS-LS3955 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS3955 MICROSS-LS3955 Datasheet
294Kb / 1P
Monolithic Dual N-Channel JFET
More results

Similar Description - LS3955

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N5905 MICROSS-2N5905 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5909 MICROSS-2N5909 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com