Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3956 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS3956
Description  LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS3956 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS3956 Datasheet HTML 1Page - Linear Integrated Systems LS3956 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201130 05/07/2014 Rev#A11 ECN# LS3954A LS3954 LS3955 LS3956 LS3958
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
OUTPUT CONDUCTANCE
goss
Full Conduction
--
--
35
µS
VDG= 20V
VGS= 0
gos
Operating
--
0.5
1
µS
VDG= 20V
ID= 200µA
│gos1-2│
Differential
--
0.05
µS
COMMON MODE REJECTION
CMRR
-
20 log │ΔVGS1-2/ΔVDS│
--
100
--
dB
ΔVDS= 10 to 20V
ID=200µA
CMRR
-
20 log │ΔVGS1-2/ΔVDS│
--
75
--
dB
ΔVDS= 5 to 10V
ID=200µA
NOISE
NF
Figure
--
--
0.5
dB
VDS= 20V
VGS= 0
RG
=10MΩ
f= 100Hz
NBW=6Hz
en
Voltage
--
--
15
nV/√Hz
VDS= 20V
ID= 200µA f= 10Hz
NBW=1Hz
CAPACITANCE
CISS
Input
--
--
6
pF
VDS= 20V
VGS= 0
f= 1MHz
CRSS
Reverse Transfer
--
--
2
pF
CDD
Drain-to-Drain
--
0.1
--
pF
VDG= 20V
ID= 200µA
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.
TO-71
TO-78
SOIC
S1
D1
SS
G1
G2
SS
D2
S2
S1
D1
SS
G1
G2
SS
D2
S2
Note: All Dimensions in inches
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2. Derate 4mWºC above 25ºC
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
NOTES:
P-DIP
0.210
0.170



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com