Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5906 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS5906
Description  LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS5906 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS5906 Datasheet HTML 1Page - Linear Integrated Systems LS5906 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201131 05/15/2014 Rev#A9 ECN# LS5905 LS5906 LS5907 LS5908 LS5909
FEATURES
LOW DRIFT
I
ΔVGS1-2/ΔT│=5µV/°C max.
ULTRA LOW LEAKAGE
IG=150fA TYP.
LOW PINCHOFF
VP=2V TYP.
ABSOLUTE MAXIMUM RATINGS1
@ 25°C (unless otherwise noted)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Operating Junction Temperature
-55 to +150°C
Maximum Voltage and Current for Each Transistor1
-VGSS
Gate Voltage to Drain or Source 40V
-IG(f)
Gate Forward Current
10mA
-IG
Gate Reverse Current
10µA
Maximum Power Dissipation
Device Dissipation @ TA=25ºC - Total
500mW2
ELECTRICAL CHARACTERISTICS @ 25ºC (unless otherwise noted)
SYMBOL
CHARACTERISTIC
LS5906 LS5907 LS5908 LS5909 LS5905 UNITS
CONDITIONS
│∆VGS1-2/∆T│max.
Drift vs. Temperature
5
10
20
40
40
µV/ºC
VDG = 10V, ID=30µA
TA = -55ºC to +125ºC
│VGS1-2│max.
Offset Voltage
5
5
10
15
15
mV
VDG =10V
ID=30µA
-IG Max
Operating
1
1
1
1
3
pA
-IG Max
High Temperature
1
1
1
1
3
nA
TA=+125 ºC
-IGSS Max
Gate Reverse Current
2
2
2
2
5
pA
VDS=0V
VGS=-20V
-IGSS Max
Gate Reverse Current
5
5
5
5
10
nA
TA=+125 ºC
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
BVGSS
Breakdown Voltage
-40
-60
--
V
VDS= 0
ID= -1µA
BVGGO
Gate-to-Gate Breakdown
±40
--
--
V
IGG= ±1µA
ID= 0
IS= 0
TRANSCONDUCTANCE
Gfss
Full Conduction
70
300
500
µS
VDG= 10V
VGS= 0
f = 1kHz
Gfs
Typical Operation
50
100
200
µS
VDG= 10V
ID= 30µA
f = 1kHz
│Gfs1/Gfs23│
Transconductance Ratio
--
1
5
%
DRAIN CURRENT
IDSS
Full Conduction
60
400
1000
µA
VDG= 10V
VGS= 0
│IDSS1/IDSS23│
Drain Current Ratio
--
2
5
%
GATE VOLTAGE
VGS(off)
Gate-Source Cutoff Voltage
-0.6
-2
-4.5
V
VDS= 10V
ID= 1nA
VGS
Operating Range
--
--
-4
V
VDS= 10V
ID= 30µA
GATE CURRENT
IGGO
Gate-to-Gate Leakage
--
±1
--
pA
VGG= 20V
Top View
SOIC
Top View
TO-78
Case & Body
LS5905 LS5906 LS5907
LS5908 LS5909
LOW LEAKAGE LOW DRIFT
MONOLITHIC DUAL N-CHANNEL
JFET AMPLIFIER


Similar Part No. - LS5906

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS5906 LINEAR-LS5906 Datasheet
30Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS5906 MICROSS-LS5906 Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5906 MICROSS-LS5906 Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5906 MICROSS-LS5906 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5906 MICROSS-LS5906 Datasheet
292Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LS5906

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS421-6 LINEAR-LS421-6 Datasheet
26Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LS830-3 LINEAR-LS830-3 Datasheet
30Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LS5905-9 LINEAR-LS5905-9 Datasheet
30Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
Linear Integrated Syste...
LS830 LINEAR-LS830_14 Datasheet
257Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS840 LINEAR-LS840_14 Datasheet
251Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U421 LINEAR-U421 Datasheet
180Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com