Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST74 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # SST74
Description  ULTRA LOW NOISE SINGLE P-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST74 Datasheet(HTML) 1 Page - Linear Integrated Systems

  SST74 Datasheet HTML 1Page - Linear Integrated Systems SST74 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201175 06/26/2014 Rev#A4 ECN# LSJ74
FEATURES
ULTRA LOW NOISE (f = 1kHz)
en = 0.9nV/
√Hz
HIGH GAIN
Gfs = 22mS (typ)
HIGH INPUT IMPEDANCE
IG = 1.0nA
LOW CAPACITANCE
CRSS = 32pF
IMPROVED SECOND SOURCE REPLACEMENT FOR 2SJ74
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Junction Operating Temperature
-55 to +135°C
Maximum Power Dissipation
Continuous Power Dissipation
400mW
Maximum Currents
Gate Forward Current
IG(F) = -10mA
Maximum Voltages
Gate to Drain Voltage
VGDS = 25V
Gate to Source Voltage
VGSS = 25V
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
BVGDS
Gate to Drain Breakdown Voltage
25
V
VDS = 0V, IG = 100µA
VGS(OFF)
Gate to Source Pinch-off Voltage
0.15
2
VDS = -10V, ID = -0.1µA
IDSS
Drain to Source Saturation
Current2
LSJ74A
-2.6
-6.5
mA
VDG = -10V, VGS = 0V
LSJ74B
-6
-12
LSJ74C
-10
-20
LSJ74D
-17
-30
IG
Gate Operating Current
50
pA
VDG = -10V, ID = -1mA
IGSS
Gate to Source Leakage Current
1
nA
VGS = 25V, VDS = 0V
Gfss
Full Conductance Transconductance
8
22
mS
VDG = -10V, VGS = 0V, f = 1kHz
en
Noise Voltage
0.9
1.9
nV/
√Hz
VDS = -10V, ID = -2mA, f = 1kHz,
NBW = 1Hz
2.5
4
VDS = -10V, ID = -2mA, f = 10kHz,
NBW = 1Hz
CISS
Common Source Input Capacitance
105
pF
VDS = -10V, VGS = 0V, f = 1MHz
CRSS
Common Source Reverse Transfer Cap.
32
VDS = -10V, ID = 0A, f = 1MHz
LSJ74, SST74
ULTRA LOW NOISE
SINGLE P-CHANNEL JFET
TO 92
TOP VIEW
SOT-89
TOP VIEW
* For equivalent N-Channel, see LSK170 family.


Similar Part No. - SST74

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SST7 BEL-SST7 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
SST7 BEL-SST7 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
SST7 BEL-SST7 Datasheet
1Mb / 4P
Square Ceramic Surface Mount Slow Blow Fuse
SST750 BEL-SST750 Datasheet
83Kb / 2P
Square Ceramic Surface Mount Slow Blow Fuse
SST750 BEL-SST750 Datasheet
413Kb / 2P
SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
More results

Similar Description - SST74

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
J108 LINEAR-J108 Datasheet
300Kb / 2P
LOW NOISE SINGLE N-CHANNEL JFET SWITCH
LSK170 LINEAR-LSK170 Datasheet
116Kb / 1P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET
logo
Micross Components
LSK170A_SOT-23 MICROSS-LSK170A_SOT-23 Datasheet
475Kb / 1P
Ultra Low Noise Single N-Channel JFET
LSK170A_TO-92 MICROSS-LSK170A_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170B_SOT-23 MICROSS-LSK170B_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170B_TO-92 MICROSS-LSK170B_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_SOT-23 MICROSS-LSK170C_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_TO-92 MICROSS-LSK170C_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
logo
Linear Integrated Syste...
LSK170 LINEAR-LSK170_14 Datasheet
191Kb / 2P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET AMPLIFIER
LSK189 LINEAR-LSK189_15 Datasheet
437Kb / 5P
LOW NOISE, LOW CAPACITANCE SINGLE N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com