Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQS228AS Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IQS228AS
Description  Single Channel Capacitive Proximity/Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS228AS Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IQS228AS Datasheet HTML 17Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 18Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 19Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 20Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 21Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 22Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 23Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 24Page - List of Unclassifed Manufacturers IQS228AS Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
IQ Switch
® ProxSense® Series
Copyright © Azoteq (Pty) Ltd 2015
IQS228AS Datasheet
Page 21 of 30
All rights reserved
Revision 1.05
October 2015
11.4 Packaging Information
11.4.1 TSOT23-6
D
A
C
E
F
G
H
I
B
J
Figure 11.1 TSOT23-6 Packaging
1
Table 11.6 TSOT23-6 Dimensions
Dimension
Min (mm)
Max (mm)
A
2.60
3.00
B
1.50
1.70
C
2.80
3.00
D
0.30
0.50
E
0.95 Basic
F
0.84
1.00
G
0.00
0.10
H
0.30
0.50
I
0°
8°
J
0.03
0.20
1 Drawing not on Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com