Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1243MF Datasheet(PDF) 41 Page - Sanken electric

Part # SCM1243MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1243MF Datasheet(HTML) 41 Page - Sanken electric

Back Button SCM1243MF Datasheet HTML 37Page - Sanken electric SCM1243MF Datasheet HTML 38Page - Sanken electric SCM1243MF Datasheet HTML 39Page - Sanken electric SCM1243MF Datasheet HTML 40Page - Sanken electric SCM1243MF Datasheet HTML 41Page - Sanken electric SCM1243MF Datasheet HTML 42Page - Sanken electric SCM1243MF Datasheet HTML 43Page - Sanken electric SCM1243MF Datasheet HTML 44Page - Sanken electric SCM1243MF Datasheet HTML 45Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
41
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
Figure 15-25.
Overcurrent Protection Hold Time, tP vs.
Tj
Figure 15-26.
Filtering time of Simultaneous On-state
Prevention Function vs. Tj
15.3. Performance Curves of Output Parts
15.3.1. Output Transistor Performance Curves
15.3.1.1. SCM1261M
Figure 15-27.
IGBT VCE(SAT) vs. IC
Figure 15-28.
Freewheeling diode VF vs. IF
0
5
10
15
20
25
30
35
40
45
50
-30
0
30
60
90
120
150
T
j (°C)
Max.
Typ.
Min.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-30
0
30
60
90
120
150
T
j (°C)
Max.
Typ.
Min.
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
7
8
9
10
I
C (A)
VCC=15V
75°C
125°C
25°C
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
7
8
9
10
I
F (A)
25°C 75°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com