Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541BC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4541BC
Description  Programmable Timer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4541BC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CD4541BC Datasheet HTML 1Page - National Semiconductor (TI) CD4541BC Datasheet HTML 2Page - National Semiconductor (TI) CD4541BC Datasheet HTML 3Page - National Semiconductor (TI) CD4541BC Datasheet HTML 4Page - National Semiconductor (TI) CD4541BC Datasheet HTML 5Page - National Semiconductor (TI) CD4541BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Operating Characteristics (Continued)
Oscillator Circuit Using RC Configuration
TLF6001 – 7
Typical RC Oscillator
Characteristics
TLF6001 – 8
Solid Line e RTC e 56 kX RS e 1kX and C e 1000 pF
f e 102 kHz
VDD e 10V and TA e 25 C
Dashed Line e RTC e 56 kX RS e 120 kX and C e 1000 pF
f e 775 kHz
VDD e 10V and TA e 25 C
RC Oscillator Frequency as a
Function of RTC and C
TLF6001 – 9
Line A f as a function of C and (RTC e 56 kX RS e 120k)
Line B f as a function of RTC and (C e 100 pF RS e 2RTC)
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com