Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109AMA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5109AMA/NOPB
Description  High Voltage 1A Peak Half Bridge Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5109AMA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5109AMA/NOPB Datasheet HTML 1Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 2Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 3Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 4Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 5Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 6Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 7Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 8Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LI
HI
tHPLH
tLPLH
tHPHL
tLPHL
LO
HO
LI
HI
tMOFF
tMON
LO
HO
5
LM5109A
www.ti.com
SNVS412B – APRIL 2006 – REVISED MARCH 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(2)
4-layer board with Cu finished thicknesses 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm
ground and power planes embedded in PCB. See Application Note AN-1187.
(3)
The
θJA is not a constant for the package and depends on the printed circuit board design and the operating conditions.
θJA
Junction to ambient
SOIC(2)(3)
160
°C/W
WSON(2)(3)
40
6.5
Switching Characteristics
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LM5109A
tLPHL
Lower turn-off propagation delay
(LI falling to LO falling)
30
56
ns
tHPHL
Upper turn-off propagation delay
(HI falling to HO falling)
30
56
ns
tLPLH
Lower turn-on propagation delay
(LI rising to LO rising)
32
56
ns
tHPLH
Upper turn-on propagation delay
(HI rising to HO rising)
32
56
ns
tMON
Delay matching: lower turn-on and upper
turn-off
2
15
ns
tMOFF
Delay matching: lower turn-off and upper
turn-on
2
15
ns
tRC, tFC
Either output rise or fall time
CL = 1000 pF
15
-
ns
tPW
Minimum input pulse width that changes
the output
50
ns
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com