Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVGA2-33 Datasheet(PDF) 9 Page - Mini-Circuits

Part # DVGA2-33
Description  Digital Controlled Variable Gain Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DVGA2-33 Datasheet(HTML) 9 Page - Mini-Circuits

  DVGA2-33 Datasheet HTML 1Page - Mini-Circuits DVGA2-33 Datasheet HTML 2Page - Mini-Circuits DVGA2-33 Datasheet HTML 3Page - Mini-Circuits DVGA2-33 Datasheet HTML 4Page - Mini-Circuits DVGA2-33 Datasheet HTML 5Page - Mini-Circuits DVGA2-33 Datasheet HTML 6Page - Mini-Circuits DVGA2-33 Datasheet HTML 7Page - Mini-Circuits DVGA2-33 Datasheet HTML 8Page - Mini-Circuits DVGA2-33 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Digital Controlled Variable Gain Amplifier (DVGA)
Page 9
DVGA2-33+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
MSL Test Flow Chart
ESD Rating
Human Body Model (HBM): Class 1A (250 to <500V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (100V) in accordance with ANSI/ESD STM5.2-1999
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020D
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set (.zip file)
Case Style
DG1677 Plastic package, exposed paddle, lead finish: Ni/Pd/Au
Tape & Reel
Standard quantities available on reel
F68
7” reels with 20,50,100,200, 500 or 1K devices
Suggested Layout for PCB Design
PL-371
Evaluation Board
TB-674+
Environmental Ratings
ENV66
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com