Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS138 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS138
Description  Decoders/Demultiplexers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS138 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54LS138 Datasheet HTML 1Page - National Semiconductor (TI) 54LS138 Datasheet HTML 2Page - National Semiconductor (TI) 54LS138 Datasheet HTML 3Page - National Semiconductor (TI) 54LS138 Datasheet HTML 4Page - National Semiconductor (TI) 54LS138 Datasheet HTML 5Page - National Semiconductor (TI) 54LS138 Datasheet HTML 6Page - National Semiconductor (TI) 54LS138 Datasheet HTML 7Page - National Semiconductor (TI) 54LS138 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
’LS138 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
Levels
RL e 2kX
Symbol
Parameter
To (Output)
of Delay
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Select to
218
27
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Select to
227
40
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Select to
318
27
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Select to
327
40
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Enable to
218
27
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Enable to
224
40
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Enable to
318
27
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Enable to
328
40
ns
High to Low Level Output
Output
Recommended Operating Conditions
Symbol
Parameter
DM54LS139
DM74LS139
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com