Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38692MP-ADJ/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38692MP-ADJ/NOPB
Description  1-A Low Dropout CMOS Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38692MP-ADJ/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP38692MP-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP38692MP-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
LP38690-ADJ, LP38692-ADJ
www.ti.com
SNVS323I – DECEMBER 2004 – REVISED FEBRUARY 2016
Product Folder Links: LP38690-ADJ LP38692-ADJ
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1 mA to
full load.
(4)
Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100 mV of nominal value.
6.5 Electrical Characteristics
Unless otherwise specified: typical limits are for TJ = 25°C, minimum and maximum limits apply over the full operating
temperature range; VIN = VOUT + 1 V , CIN = COUT = 10 µF, ILOAD = 10 mA. Minimum and maximum limits are specified through
testing, statistical correlation, or design.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VADJ
ADJ pin voltage
VIN = 2.7 V, TJ = 25°C
1.219
1.25
1.281
V
3.2 V
≤ VIN ≤ 10 V
100 µA < ILOAD < 1 A
1.187
1.25
1.313
ΔVOUT/ΔVIN
Output voltage line regulation(2)
VOUT + 0.5 V ≤ VIN ≤ 10 V
ILOAD = 25 mA
0.03
0.1
%/V
ΔVOUT/ΔILOAD
Output voltage load regulation(3)
1 mA < ILOAD < 1 A
VIN = VOUT + 1 V
1.8
5
%/A
VIN – VOUT
Dropout voltage(4)
VOUT = 1.8 V, ILOAD = 1 A
950
1600
mV
VOUT = 2.5 V, ILOAD = 0.1 A
80
145
VOUT = 2.5 V, ILOAD = 1A
800
1300
VOUT = 3.3 V, ILOAD = 0.1 A
65
110
VOUT = 3.3 V, ILOAD = 1 A
650
1000
VOUT = 5 V, ILOAD = 0.1 A
45
100
VOUT = 5 V, ILOAD = 1 A
450
800
IQ
Quiescent current
VIN ≤ 10 V, ILOAD = 100 µA – 1A
55
100
µA
VEN ≤ 0.4 V, TJ = 25°C
(LP38692-ADJ Only)
0.001
1
IL(MIN)
Minimum load current
VIN – VOUT ≤ 4 V
100
µA
IFB
Foldback current limit
VIN – VOUT > 5 V
450
mA
VIN – VOUT < 4 V
1500
PSRR
Ripple rejection
VIN = VOUT + 2 V(DC), with 1 V(p-p) /
120-Hz ripple
55
dB
TSD
Thermal shutdown activation
(junction temperature)
160
°C
TSD (HYST)
Thermal shutdown hysteresis
(junction temperature)
10
°C
IADJ
ADJ input leakage current
VADJ = 0 –1.5 V
VIN = 10 V, TJ = 25°C
–100
0.01
100
nA
en
Output noise
BW = 10 Hz to 10 kHz
VOUT = 3.3 V
0.7
µV/
√Hz
VOUT (LEAK)
Output leakage current
VOUT = VOUT(NOM) + 1 V at 10 VIN
TJ = 25°C
0.5
2
µA
VEN
Enable voltage (LP38692-ADJ
Only)
Output = OFF
0.4
V
Output = ON, VIN = 4 V
1.8
Output = ON, VIN = 6 V
3
Output = ON, VIN = 10 V
4
IEN
Enable pin leakage (LP38692-
ADJ Only)
VEN = 0 V or 10 V , VIN = 10 V
TJ = 25°C
–1
0.001
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com