Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6673 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6673 Datasheet HTML 8Page - Analog Devices AD6673 Datasheet HTML 9Page - Analog Devices AD6673 Datasheet HTML 10Page - Analog Devices AD6673 Datasheet HTML 11Page - Analog Devices AD6673 Datasheet HTML 12Page - Analog Devices AD6673 Datasheet HTML 13Page - Analog Devices AD6673 Datasheet HTML 14Page - Analog Devices AD6673 Datasheet HTML 15Page - Analog Devices AD6673 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
AD6673
Data Sheet
Rev. C | Page 12 of 45
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
AVDD
DNC
PDWN
4
CS
5
SCLK
6
SDIO
7
DVDD
TOP VIEW
(Not to Scale)
AD6673
25
DNC
26
DVDD
27
RST
28
DVDD
29
AVDD
30
SYSREF–
31
SYSREF+
32
AVDD
33
CLK+
34
CLK–
35
RFCLK
36
AVDD
8
DNC
9
DNC
10
FDA
11
FDB
12
DVDD
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE
PACKAGE PROVIDES THE GROUND REFENCE FOR DRVDD
AND AVDD. THIS EXPOSED PADDLE MUST BE CONNECTED
TO GROUND FOR PROPER OPERATION.
Figure 4. Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
1, 5, 8, 36, 37, 40, 41, 43, 44, 47, 48
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
9, 11, 13, 16, 24, 25, 30
DVDD
Supply
Digital Power Supply (1.8 V Nominal).
12, 28, 29, 35
DNC
Do Not Connect.
17, 23
DGND
Ground Reference for DVDD.
20
DRVDD
Supply
JESD204B PHY Serial Output Driver Supply (1.8 V Nominal).
Note that the DRVDD power is referenced to the AGND Plane.
Exposed Paddle
AGND/DRGND
Ground
The exposed thermal paddle on the bottom of the package
provides the ground reference for DRVDD and AVDD. This
exposed paddle must be connected to ground for proper
operation.
ADC Analog
2
RFCLK
Input
ADC RF Clock Input.
3
CLK−
Input
ADC Nyquist Clock Input—Complement.
4
CLK+
Input
ADC Nyquist Clock Input—True.
38
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
39
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
42
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. Decouple
this pin to ground using a 0.1 µF capacitor.
45
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
46
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
ADC Fast Detect Outputs
26
FDB
Output
Channel B Fast Detect Indicator (CMOS Levels).
27
FDA
Output
Channel A Fast Detect Indicator (CMOS Levels).
Digital Inputs
6
SYSREF+
Input
JESD204B LVDS SYSREF Input—True
7
SYSREF−
Input
JESD204B LVDS SYSREF Input—Complement.
14
SYNCINB+
Input
JESD204B LVDS SYNC Input—True
15
SYNCINB−
Input
JESD204B LVDS SYNC Input—Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com