Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8284 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8284
Description  Radar Receive Path AFE - 4-Channel Mux
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8284 Datasheet HTML 9Page - Analog Devices AD8284 Datasheet HTML 10Page - Analog Devices AD8284 Datasheet HTML 11Page - Analog Devices AD8284 Datasheet HTML 12Page - Analog Devices AD8284 Datasheet HTML 13Page - Analog Devices AD8284 Datasheet HTML 14Page - Analog Devices AD8284 Datasheet HTML 15Page - Analog Devices AD8284 Datasheet HTML 16Page - Analog Devices AD8284 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD8284
Rev. D | Page 13 of 28
Figure 15. Simplified Block Diagram
CHANNEL OVERVIEW
The AD8284 contains a four-input mux, an LNA, a PGA, and
an AAF in the signal path, as shown in Figure 15. The signal
chain input impedance can be either 200 Ω or 200 kΩ. The
PGA has selectable gains that result in channel gains ranging
from 17 dB to 35 dB. The AAF has a three-pole elliptical
response with a selectable cutoff frequency from 9 MHz to
15 MHz. The signal path is fully differential throughout to
maximize signal swing and reduce even-order distortion. The
LNA is designed to be driven from either a differential or
single-ended signal source.
Multiplexer
The AD8284 has a multiplexer (mux) at the input to switch as
many as four differential channels into the signal chain. The
active mux channel is controlled by the SPI port or by using the
external pins, MUX[0] and MUX[1]. The relationship between
the input code and the selected mux channel is listed in Table 7.
Table 7. Digital Input Values to Select the Active ADC
Channel
AUX
MUX[1]
MUX[0]
Active Channel
1
X
X
AUX
0
0
0
A
0
0
1
B
0
1
0
C
0
1
1
D
The external pins are the default method for selecting the active
mux channel but the SPI Register 0x0C can also control the
mux. Bit 3 of Register 0x0C specifies whether the SPI or the
external pins control the mux.
Low Noise Amplifier
Good noise performance relies on a proprietary ultralow noise
LNA at the beginning of the signal chain; the LNA minimizes the
noise contributions from the PGA and AAF that are next in the
signal chain. The input impedance can be either 200 Ω or
200 kΩ, the value of which is selected through the SPI port or by
the ZSEL pin.
The LNA supports differential output voltages as high as 5.0 V p-p
with positive and negative excursions of ±1.25 V from a common-
mode voltage of 1.5 V. Because the output saturation level is
fixed, the channel gain sets the maximum input signal before
saturation.
Low value feedback resistors and the current driving capability
of the output stage allow the LNA to achieve a low input referred
noise voltage of 3.5 nV/√Hz at a channel gain of 35 dB. The use
of a fully differential topology and negative feedback minimizes
second-order distortion. Differential signaling enables smaller
swings at each output, further reducing third-order distortion.
Recommendation
To achieve the best possible noise performance, it is important
to match the impedances seen by the positive and negative
inputs. Matching the impedances ensures that the signal path
rejects any common-mode noise.
INA+
INA–
INB+
INC+
INC–
INB–
IND+
IND–
INADC+
INADC–
SPI
AD8284
SATURATION
DETECTION
REFERENCE
D0
TO
D11
12-BIT
ADC
MUX
LNA
MUX
PGA
AAF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com