Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8451
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8451 Datasheet HTML 9Page - Analog Devices AD8451 Datasheet HTML 10Page - Analog Devices AD8451 Datasheet HTML 11Page - Analog Devices AD8451 Datasheet HTML 12Page - Analog Devices AD8451 Datasheet HTML 13Page - Analog Devices AD8451 Datasheet HTML 14Page - Analog Devices AD8451 Datasheet HTML 15Page - Analog Devices AD8451 Datasheet HTML 16Page - Analog Devices AD8451 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD8451
CC AND CV LOOP FILTER AMPLIFIERS, AND VSET BUFFER
500
–500
–400
–300
–200
–100
0
100
200
300
400
–15
–10
–5
0
5
10
15
20
25
INPUT COMMON-MODE VOLTAGE (V)
AVCC = +25V
AVEE = –5V
AVCC = +15V
AVEE = –15V
Figure 23. Input Offset Voltage vs. Input Common-Mode Voltage
for Two Supply Voltage Combinations
100
0
10
20
30
40
50
60
70
80
90
–15
–10
–5
0
5
10
15
20
25
INPUT COMMON-MODE VOLTAGE (V)
AVCC = +25V
AVEE = –5V
AVCC = +15V
AVEE = –15V
Figure 24. Input Bias Current vs. Input Common-Mode Voltage
for Two Supply Voltage Combinations
100
–40
–20
0
20
40
60
80
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
–IB
+IB
Figure 25. Input Bias Current vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
CONSTANT CURRENT LOOP AND
CONSTANT VOLTAGE LOOP AMPLIFIERS
AVCC = +25V
AVEE = –5V
AVCC = +15V
AVEE = –15V
Figure 26. Output Source Current vs. Temperature
for Two Supply Voltage Combinations
120
–40
–20
0
20
40
60
80
100
–45.0
–225.0
–202.5
–180.0
–157.5
–135.0
–112.5
–90.0
–67.5
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PHASE
GAIN
Figure 27. Open-Loop Gain and Phase vs. Frequency
160
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
CONSTANT CURRENT LOOP
AND
CONSTANT VOLTAGE
LOOP FILTER
AMPLIFIERS
Figure 28. CMRR vs. Frequency
Rev. 0 | Page 13 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com