Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9993 Datasheet HTML 9Page - Analog Devices AD9993 Datasheet HTML 10Page - Analog Devices AD9993 Datasheet HTML 11Page - Analog Devices AD9993 Datasheet HTML 12Page - Analog Devices AD9993 Datasheet HTML 13Page - Analog Devices AD9993 Datasheet HTML 14Page - Analog Devices AD9993 Datasheet HTML 15Page - Analog Devices AD9993 Datasheet HTML 16Page - Analog Devices AD9993 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 13 of 56
TRANSMITTER DAC PERFORMANCE
fDAC = 500 MHz, unless otherwise specified.
Figure 12. 5 MHz Bandwidth 256-QAM Adjacent Channel Power
Figure 13. SFDR, 2nd and 3rd Harmonics vs. fOUT, Maximum IOUTFS (DAC Gain)
Figure 14. SFDR at Three Temperatures vs. fOUT
Figure 15. 1st Nyquist Zone Output Spectrum, fOUT = 48 MHz
Figure 16. SFDR at Three DAC Sampling Frequencies (fDAC) vs. fOUT
Figure 17. IMD3 vs. fOUT, Both DACs
–76.4dBc
–76.2dBc
–75.5dBc
–75.9dBc
11.2dBm
–75.9dBc
–76.3dBc
–76.2dBc
–75.9dBc
–30
–40
–50
–60
–70
–80
–90
–100
–110
OFFSET FREQ
3.375MHz
6.375MHz
12MHz
18MHz
24MHz
INTEG BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
dBc
–80.81
–75.93
–75.49
–76.23
–76.42
dBm
–92.04
–87.16
–86.72
–87.46
–87.65
dBc
–29.72
–75.95
–76.30
–76.17
–75.93
UPPER
LOWER
dBm
–40.95
–87.18
–87.53
–87.41
–87.16
Filter
OFF
OFF
OFF
OFF
OFF
CENTER 50MHz
#RES BW 30kHz
SPAN 54MHz
SWEEP 175.1ms
#VBW 300kHz
0
–40
–50
–60
–70
–80
–90
–100
50
100
150
fOUT (MHz)
200
250
SECOND HARMONIC (dBc)
THIRD HARMONIC (dBc)
SFDR (dBc)
0
–40
–50
–45
–55
–60
–65
–75
–70
–80
50
100
150
fOUT (MHz)
200
250
DAC: b, TEMP: +25°C
DAC: b, TEMP: +85°C
DAC: b, TEMP: –40°C
DAC B, +25°C
DAC B, +85°C
DAC B, –40°C
MARKER
1R
1
2R
2
START 1MHz
#RES BW 1kHz
STOP 250MHz
SWEEP 300.2s (601pts)
VBW 1kHz
TRACE
1
1
1
1
TYPE
FREQ
FREQ
FREQ
FREQ
XAXIS
47.9MHz
48.0MHz
47.9MHz
96.4MHz
AMPLITUDE
–0.56dBm
–83.28dB
–0.56dBm
–71.74dB
2R
2
1
0
–40
–50
–45
–55
–60
–65
–75
–70
–80
50
100
150
fOUT (MHz)
200
250
fDAC = 250MHz, DAC B
fDAC = 350MHz, DAC B
fDAC = 500MHz, DAC B
0
–45
–85
–80
–50
–55
–60
–65
–75
–70
–90
50
100
150
fOUT (MHz)
200
250
DACA
DACB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com