Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA8282 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 9Page - Analog Devices ADA8282 Datasheet HTML 10Page - Analog Devices ADA8282 Datasheet HTML 11Page - Analog Devices ADA8282 Datasheet HTML 12Page - Analog Devices ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices ADA8282 Datasheet HTML 15Page - Analog Devices ADA8282 Datasheet HTML 16Page - Analog Devices ADA8282 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 13 of 21
CHANNEL TO CHANNEL PHASE MATCHING
In a multichannel radar application, matching the ac performance
between channels improves the distance and angle resolution of
a detected object, particularly the phase matching in the band of
interest for the application. The ADA8282 layout and design are
optimized to increase phase matching. The ADA8282 also has
sufficient bandwidth to minimize any channel to channel phase
variation for up to 5 MHz input signals.
The phase mismatch between channels can be calibrated at a
single temperature. However, any variation in phase matching
over temperature can still degrade system performance. The
ADA8282 is characterized to capture the maximum channel to
channel phase mismatch as the temperature varies from a
calibration temperature of 25°C.
Figure 27 shows a distribution of channel to channel phase
mismatch for signal frequencies up to 5 MHz. When the initial
phase mismatch between channels is normalized to 0° at +25°C,
the 6σ mismatch is 0.43° at −40°C and 0.6° at +125°C.
350
300
250
200
150
100
50
0
PHASE MISMATCH (Degrees)
TA = –40°C
TA = +125°C
Figure 27. Channel to Channel Phase Mismatch, Normalized to 0° at 25°C,
LNA_BIAS_SEL = PGA_BIAS_SEL = b’00, PGA_GAIN = b’11
The amount of channel to channel phase mismatch varies with
the power mode. Table 10 shows the 6σ phase mismatch up to
5 MHz over the full temperature range for all gain settings in
different power modes, when normalized to 0° at 25°C in each
power mode.
Table 10. Maximum Channel to Channel Phase Mismatch over Temperature After 25°C Calibration
PGA_BIAS_SEL
LNA_BIAS_SEL
6σ Channel to Channel Phase Mismatch
over Temperature (Degrees)
Maximum Channel to Channel Phase
Mismatch (Degrees)
b’00
b’00
0.60
±1
b’01
b’01
0.41
±1
b’10
b’10
0.33
±1
b’11
b’11
0.60
±1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com