Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5401 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5401
Description  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5401 Datasheet HTML 9Page - Analog Devices ADG5401 Datasheet HTML 10Page - Analog Devices ADG5401 Datasheet HTML 11Page - Analog Devices ADG5401 Datasheet HTML 12Page - Analog Devices ADG5401 Datasheet HTML 13Page - Analog Devices ADG5401 Datasheet HTML 14Page - Analog Devices ADG5401 Datasheet HTML 15Page - Analog Devices ADG5401 Datasheet HTML 16Page - Analog Devices ADG5401 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADG5401
Rev. A | Page 13 of 17
TEST CIRCUITS
Figure 20. Off Leakage
Figure 21. On Resistance
Figure 22. Off Isolation
Figure 23. On Leakage
Figure 24. THD + N
Figure 25. Bandwidth
Figure 26. Switching Times, tON and tOFF
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
IDS
S
RON = V ÷ IDS
D
VS
V
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
IN
VIN
S
D
50Ω
OFF ISOLATION = 20 log
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
S
NC
NC = NO CONNECT
D
A
VD
ID (ON)
VOUT
RS
AUDIO PRECISION
RL
1kΩ
IN
VIN
S
D
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
IN
VIN
S
D
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
VS
IN
SD
GND
RL
300Ω
CL
35pF
VOUT
VDD
VSS
0.1µF
VDD
0.1µF
VSS
ADG5401
VIN
VOUT
tON
tOFF
50%
3V
0V
0V
VS
50%
0.9 VS
0.1 VS
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com