Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5412F Datasheet(PDF) 21 Page - Analog Devices

Part # ADG5412F
Description  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5412F Datasheet(HTML) 21 Page - Analog Devices

Back Button ADG5412F Datasheet HTML 17Page - Analog Devices ADG5412F Datasheet HTML 18Page - Analog Devices ADG5412F Datasheet HTML 19Page - Analog Devices ADG5412F Datasheet HTML 20Page - Analog Devices ADG5412F Datasheet HTML 21Page - Analog Devices ADG5412F Datasheet HTML 22Page - Analog Devices ADG5412F Datasheet HTML 23Page - Analog Devices ADG5412F Datasheet HTML 24Page - Analog Devices ADG5412F Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADG5412F/ADG5413F
Rev. B | Page 21 of 28
Figure 44. Interrupt Flag Recovery Time, tDIGREC
Figure 45. Interrupt Flag Recovery Time, tDIGREC, with a 1 kΩ Pull-Up Resistor
Figure 46. Break-Before-Make Time Delay, tD
Figure 47. Switching Times, tON and tOFF
ADG5412F/
ADG5413F
GND
S1
FF
D1
0.1µF
0.1µF
VS
VDD
VSS
VDD
VSS
S2 TO S4
*INCLUDES TRACK CAPACITANCE
CL*
12pF
VDD + 0.5V
0V
0V
OUTPUT
(VFF)
tDIGREC
0.9VOUT
SOURCE
VOLTAGE
(VS)
ADG5412F/
ADG5413F
GND
S1
FF
D1
0.1µF
0.1µF
VS
VDD
VSS
VDD
VSS
S2 TO S4
*INCLUDES TRACK CAPACITANCE
CL*
12pF
VDD + 0.5V
0V
5V
0V
OUTPUT
(VFF)
tDIGREC
3V
SOURCE
VOLTAGE
(VS)
RPULLUP
1kΩ
5V
OUTPUT
VS2
IN1,
IN2
S2
D2
VS1
S1
D1
GND
RL
300Ω
CL
35pF
VOUT2
VOUT1
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VIN
VOUT1
VOUT2
ADG5413F
tD
tD
50%
50%
90%
90%
90%
90%
0V
0V
0V
RL
300Ω
CL
35pF
VS
INx
Sx
Dx
GND
RL
300Ω
CL
35pF
VOUT
VDD
VSS
0.1µF
VDD
0.1µF
VSS
ADG5412F/
ADG5413F
VIN
VOUT
tON
tOFF
50%
50%
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com