Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4276 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4276
Description  Low-Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4276 Datasheet HTML 6Page - Infineon Technologies AG TLE4276 Datasheet HTML 7Page - Infineon Technologies AG TLE4276 Datasheet HTML 8Page - Infineon Technologies AG TLE4276 Datasheet HTML 9Page - Infineon Technologies AG TLE4276 Datasheet HTML 10Page - Infineon Technologies AG TLE4276 Datasheet HTML 11Page - Infineon Technologies AG TLE4276 Datasheet HTML 12Page - Infineon Technologies AG TLE4276 Datasheet HTML 13Page - Infineon Technologies AG TLE4276 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TLE 4276
Data Sheet Version 2.2
10
2000-10-11
Application Information for Variable Output Regulator TLE 4276 V, SV, DV, GV
The output voltage of the TLE 4276 V can be adjusted between 2.5 V and 20 V by an
external output voltage divider, closing the control loop to the voltage adjust pin VA.
The voltage at pin VA is compared to the internal reference of typical 2.5 V in an error
amplifier. It controls the output voltage.
Figure 5
Application Detail External Components at Output for Variable
Voltage Regulator
The output voltage is calculated according to Equation 1:
V
Q =(R1 + R2)/R2
⌠ V
ref, neglecting IVA
(1)
V
ref is typically 2.5 V.
To avoid errors caused by leakage current
I
VA, we recommend to choose the resistor
value
R
2 according to Equation 2:
R
2 <50 k
τ
(2)
For a 2.5 V output voltage the output pin Q is directly connected to the adjust pin VA.
The accuracy of the resistors
R
1 and R2 add an additional error to the output voltage
tolerance.
The operation range of the variable TLE 4276 V is
V
Q + 0.5 V to 40 V. For internal biasing
a minimum input voltage of 4.3 V is required. For output voltages below 4 V the voltage
drop is 4.3 V –
V
Q
AEB02804
Current
and
Saturation
Control
Internal
Reference
2.5 V Typical
5
V
ref
R
2
R
1
C
Q
22 µF
Q
VA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com