Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28704 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28704
Description  High-Efficiency Off-Line CV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28704 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28704 Datasheet HTML 17Page - Texas Instruments UCC28704 Datasheet HTML 18Page - Texas Instruments UCC28704 Datasheet HTML 19Page - Texas Instruments UCC28704 Datasheet HTML 20Page - Texas Instruments UCC28704 Datasheet HTML 21Page - Texas Instruments UCC28704 Datasheet HTML 22Page - Texas Instruments UCC28704 Datasheet HTML 23Page - Texas Instruments UCC28704 Datasheet HTML 24Page - Texas Instruments UCC28704 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1.0
5.0
4.0
3.0
2.0
0
IOCC
Output Current (A)
4.75 V
5.25 V
+/-5%
3.0 V
2.7 V
Board-End
Cable-End
21
UCC28704
www.ti.com
SLUSCA8A – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: UCC28704
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.8 Constant Current Under-Voltage Protection
The constant current output under voltage shutdown (CCUV) feature is to provide protection for USB connectors
from over-heat or burn-out due to soft-short circuit fault. A partial or soft-short can happen due to the presence of
foreign objects at the terminals of the USB upstream facing port, UFP, for example, smartphones with USB
Micro-B or USB Type-C connectors. When this happens along with the converter operates in CC mode with
enough VDD voltage (VDD > VVDD(off)) available from auxiliary winding, the converter can sustain operation at this
condition resulting in a potential USB burn-out condition which is named as soft-short fault to distinguish from a
hard-short circuit fault. Traditional over-current protection and short-circuit protection cannot tell a soft-short fault.
The UCC28704 provides protection when soft-short circuit fault occurs with the corresponding converter V-I
characteristics as shown in Figure 21.
As shown in Figure 22, the CCUV feature of UCC28704 detects the operation of the converter under this
condition when the controller is operating in CC mode and when the output voltage drops out of regulation,
reaching the CCUV threshold. If the controller detects that the VS pin voltage is below VCCUV threshold
continuously for 120 ms, then it initiates a CCUV fault and sets the CCUV latch. Once the CCUV latch is set, the
controller goes through 3 cycles of VDD-UVLO without any PWM operation and clears the latch on the 4th VDD
UVLO power-up. If the CCUV condition still exists, then the controller enters into CCUV fault after 120 ms and
repeats the UVLO cycles. This 120-ms time delay allows converter normal start up without triggering the CCUV
protection. The flyback design should allow output voltage rise above CCUV protection level under normal
operating conditions within 120ms or the CCUV fault may be triggered.
Figure 21. Typical Target Output V-I Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com