Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4726 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4726
Description  2-Phase Stepper-Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4726 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4726 Datasheet HTML 1Page - Infineon Technologies AG TLE4726 Datasheet HTML 2Page - Infineon Technologies AG TLE4726 Datasheet HTML 3Page - Infineon Technologies AG TLE4726 Datasheet HTML 4Page - Infineon Technologies AG TLE4726 Datasheet HTML 5Page - Infineon Technologies AG TLE4726 Datasheet HTML 6Page - Infineon Technologies AG TLE4726 Datasheet HTML 7Page - Infineon Technologies AG TLE4726 Datasheet HTML 8Page - Infineon Technologies AG TLE4726 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE 4726
Data Sheet
3
1999-09-15
Pin Definitions and Functions
Pin No.
Function
1, 2, 23, 24
Digital control inputs IX0, IX1 for the magnitude of the current of the
particular phase.
3
Input Phase 1; controls the current through phase winding 1. On
H-potential the phase current flows from Q11 to Q12, on L-potential in
the reverse direction.
5, 6, 7, 8, 17,
18, 19, 20
Ground; all pins are connected internally.
4
Oscillator; works at approx. 25 kHz if this pin is wired to ground across
2.2 nF.
10
Resistor
R
1 for sensing the current in phase 1.
9, 12
Push-pull outputs Q11, Q12 for phase 1 with integrated free-wheeling
diodes.
11
Supply voltage; block to ground, as close as possible to the IC, with a
stable electrolytic capacitor of at least 10
µF in parallel with a ceramic
capacitor of 220 nF.
14
Logic supply voltage; either supply with 5 V or connect to +
V
S across
a series resistor. A Z-diode of approx. 7 V is integrated. In both cases
block to ground directly on the IC with a stable electrolytic capacitor of
10
µF in parallel with a ceramic capacitor of 100 nF.
13, 16
Push-pull outputs Q22, Q21 for phase 2 with integrated free-wheeling
diodes.
15
Resistor
R
2 for sensing the current in phase 2.
21
Inhibit input; the IC can be put on standby by low potential on this pin.
This reduces the current consumption substantially.
22
Input phase 2; controls the current flow through phase winding 2. On
H-potential the phase current flows from Q21 to Q22, on L potential in
the reverse direction.
IX1
IX0
Phase
Current
Example of
Motor Status
H
H
0
No current
H
L
1/3
I
max
Hold
L
H
2/3
I
max
Set
LL
I
max
Accelerate
typical
I
max with
R
sense = 1 Ω: 750 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com