Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZPY10
Description  Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY10 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZPY10 Datasheet HTML 1Page - Vishay Siliconix ZPY10 Datasheet HTML 2Page - Vishay Siliconix ZPY10 Datasheet HTML 3Page - Vishay Siliconix ZPY10 Datasheet HTML 4Page - Vishay Siliconix ZPY10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZPY1 thru ZPY100
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88417
2
02-May-02
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
ZPY1(3)
0.65
0.75
6.5 (< 8)
– 26
– 23
5
–
580
ZPY3.9
3.7
4.1
4 (< 7)
– 7
+2
100
–
290
ZPY4.3
4.0
4.6
4 (< 7)
– 7
+3
100
–
260
ZPY4.7
4.4
5.0
4 (< 7)
– 7
+4
100
–
235
ZPY5.1
4.8
5.4
2 (< 5)
– 6
+5
100
> 0.7
215
ZPY5.6
5.2
6.0
1 (< 2)
– 3
+5
100
> 1.5
193
ZPY6.2
5.8
6.6
1 (< 2)
– 1
+6
100
> 2.0
183
ZPY6.8
6.4
7.2
1 (< 2)
0
+7
100
> 3.0
157
ZPY7.5
7.0
7.9
1 (< 2)
0
+7
100
> 5.0
143
ZPY8.2
7.7
8.7
1 (< 2)
+3
+8
100
> 6.0
127
ZPY9.1
8.5
9.6
2 (< 4)
+3
+8
50
> 7.0
117
ZPY10
9.41
10.6
2 (< 4)
+5
+9
50
> 7.5
105
ZPY11
10.4
11.6
3 (< 7)
+5
+10
50
> 8.5
94
ZPY12
11.4
12.7
3 (< 7)
+5
+10
50
> 9.0
85
ZPY13
12.4
14.1
4 (< 9)
+5
+10
50
> 10
78
ZPY15
13.8
15.8
4 (< 9)
+5
+10
50
> 11
70
ZPY16
15.3
17.1
5 (< 10)
+7
+11
25
> 12
63
ZPY18
16.8
19.1
5 (< 11)
+7
+11
25
> 14
57
ZPY20
18.8
21.2
6 (< 12)
+7
+11
25
> 15
52
ZPY22
20.8
23.3
7 (< 13)
+7
+11
25
> 17
48
ZPY24
22.8
25.6
8 (< 14)
+7
+12
25
> 18
42
ZPY27
25.1
28.9
9 (< 15)
+7
+12
25
> 20
38
ZPY30
28
32
10 (< 20)
+7
+12
25
> 22.5
35
ZPY33
31
35
11 (< 20)
+7
+12
25
> 25
31
ZPY36
34
38
25 (< 60)
+7
+12
10
> 27
29
ZPY39
37
41
30 (< 60)
+8
+12
10
> 29
26
ZPY43
40
46
35 (< 80)
+8
+13
10
> 32
24
ZPY47
44
50
40 (< 80)
+8
+13
10
> 35
22
ZPY51
48
54
45 (< 100)
+8
+13
10
> 38
20
ZPY56
52
60
50 (< 100)
+8
+13
10
> 42
18
ZPY62
58
66
60 (< 130)
+8
+13
10
> 47
16
ZPY68
64
72
65 (< 130)
+8
+13
10
> 51
14
ZPY75
70
79
70 (< 160)
+8
+13
10
> 56
13
ZPY82
77
88
80 (< 160)
+8
+13
10
> 61
12
ZPY91
85
96
120 (< 250)
+9
+13
5
> 68
11
ZPY100
94
106
130 (< 250)
+9
+13
5
> 75
10
Notes: (1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(2) Tested with pulses tp = 5 ms
(3) The ZPY1 is a silicon diode operated in forward direction. Hence, the index of all characteristics and maximum ratings should be “F” instead of “Z”
Connect the cathode terminal to the negative pole
For devices in glass case DO-41 with higher Zener voltage but same power dissipation see types ZPU100 … ZPU180
Type
Zener
Voltage(2)
at IZT VZ (V)
Min
Max
Dynamic Resistance
at IZT
f = 1 kHz
rZj (
Ω)
Temp. Coeff. of
Zener Voltage at IZT
α
VZ (10
–4/°C)
Min
Max
Test current
IZT (mA)
Reverse
Voltage
at
IR = 0.5
µA
VR (V)
Admissible
Zener current(1)
at
Tamb = 25°C
IZ (mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com