Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC101L
Description  10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC101L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC101L Datasheet HTML 1Page - List of Unclassifed Manufacturers AC101L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The AC101L provides all of the required features of an
MII/RMII compliant 10/100TX/FX Ethernet transceiver. The
AC101L has the lowest power consumption of any other single-
port solution.
With a power dissipation of less than 200 mW, the AC101L is
the industry’s lowest-power Fast Ethernet PHY. It features an
integrated voltage regulator, and can be supplied by either a 2.5V
or a 3.3V power source. In addition, the AC101L has several
intelligent power-down states that conserve power, yet allow
products based on it to automatically turn on when needed. This
feature is extremely useful in portable and power sensitive
applications such as laptop LAN card adapters. Because most
laptop users do not remove their LAN PC cards when working
remotely, this feature results in a noticeably extended battery life
for laptop computers.
Network Tolerance
The AC101L includes features that simplify the installation and
maintenance of local area networks. One such feature is the HP
Auto-MDIX capability, which automatically detects and corrects
crossed cables. With HP Auto-MDIX, the installer does not need
to know what is on the other end of the network cable; the
AC101L automatically switches its transmit and receive
circuitry to accommodate the link partner’s polarity.
When all system costs are considered, such as power, heat,
components and real estate, the AC101L provides the lowest
overall system cost and most reliable design.
AC101L
OVER VIEW
VCC25OUT
TXP
TXN
GNDTXC
VCCPLL
RBIAS
GNDPLL
GNDRX
SD/FXEN_A
RXP
RXN
VCCRX
VCCFX
GNDFX
RXDV/CRS_DV
RXC/RMII_SEL
ISO/RXER
GND
VCC
TXER
TXC
TXEN
TXD0
TXD1
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
AC101L
© 2002 by ALTIMA COMMUNICATIONS, INC.
A fully owned subsidiary of Broadcom Corporation. All rights reserved.
AC101L-PB01-R-11.01.02
ALTIMA COMMUNICATIONS, INC.
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
ALTIMA COMMUNICATIONS, INC. CONFIDENTIAL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com