Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # RAM-2
Description  Monolithic Amplifier DC-2 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RAM-2 Datasheet(HTML) 1 Page - Mini-Circuits

  RAM-2 Datasheet HTML 1Page - Mini-Circuits RAM-2 Datasheet HTML 2Page - Mini-Circuits RAM-2 Datasheet HTML 3Page - Mini-Circuits RAM-2 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount
Monolithic Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 4
Product Features
• Wideband, DC to 2 GHz
• Cascadable ceramic package
• Internally Matched to 50 Ohms
• Low noise figure, 6.5 dB typ.
• Excellent repeatability
• Aqueous washable
• Protected under US Patent 6,943,629
Typical Applications
• Cellular
• UHF/VHF
• Communication system
• Transmition receivers
simplified schematic and pin description
Function
Pin Number
Description
RF IN
1
RF input pin. This pin requires the use of an external DC blocking capacitor chosen
for the frequency of operation.
RF-OUT and DC-IN
3
RF output and bias pin. DC voltage is present on this pin; therefore a DC blocking
capacitor is necessary for proper operation. An RF choke is needed to feed DC bias
without loss of RF signal due to the bias connection, as shown in “Recommended
Application Circuit”.
GND
2,4
Connections to ground. Use via holes as shown in “Suggested Layout for PCB
Design” to reduce ground path inductance for best performance.
General Description
RAM-2+ (RoHS compliant) is a wideband amplifier offering high dynamic range. It has repeatable perfor-
mance from lot to lot. It is enclosed in a ceramic surface-mount package. RAM-2+ uses Darlington con-
figuration and is fabricated using InGaP HBT technology. Expected MTBF is 2,200 years at 100°C case
temperature.
RAM-2+
GROUND
RF IN
RF-OUT and DC-IN
REV. B
M120653
RAM-2+
150320
DC-2 GHz
CASE STYLE: AF190
PRICE: $4.60 ea. QTY. (20)
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
GND
GND
RF-OUTand DC-IN
RF IN
1
2
4
3


Similar Part No. - RAM-2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAM-2405S RECOM-RAM-2405S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
SUN HOLD ELECTRIC INC
RAM-2A-10 SUNHOLD-RAM-2A-10 Datasheet
808Kb / 2P
RAM SERIES
RAM-2A-12 SUNHOLD-RAM-2A-12 Datasheet
808Kb / 2P
RAM SERIES
RAM-2A-24 SUNHOLD-RAM-2A-24 Datasheet
808Kb / 2P
RAM SERIES
RAM-2A-6 SUNHOLD-RAM-2A-6 Datasheet
808Kb / 2P
RAM SERIES
More results

Similar Description - RAM-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
Monolithic Amplifier DC-2 GHz
MAR-3 MINI-MAR-3 Datasheet
239Kb / 4P
Monolithic Amplifier DC-2 GHz
RAM-3 MINI-RAM-3 Datasheet
198Kb / 4P
Monolithic Amplifier DC-2 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
Monolithic Amplifier DC-2 GHz
RAM-7 MINI-RAM-7 Datasheet
198Kb / 4P
Monolithic Amplifier DC-2 GHz
VAM-3 MINI-VAM-3 Datasheet
202Kb / 4P
Monolithic Amplifier DC-2 GHz
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
Monolithic Amplifier DC-2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com