Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAV-551 Datasheet(PDF) 7 Page - Mini-Circuits

Part # SAV-551
Description  E-PHEMT 0.45-6GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-551 Datasheet(HTML) 7 Page - Mini-Circuits

Back Button SAV-551 Datasheet HTML 3Page - Mini-Circuits SAV-551 Datasheet HTML 4Page - Mini-Circuits SAV-551 Datasheet HTML 5Page - Mini-Circuits SAV-551 Datasheet HTML 6Page - Mini-Circuits SAV-551 Datasheet HTML 7Page - Mini-Circuits SAV-551 Datasheet HTML 8Page - Mini-Circuits SAV-551 Datasheet HTML 9Page - Mini-Circuits SAV-551 Datasheet HTML 10Page - Mini-Circuits SAV-551 Datasheet HTML 11Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
E-PHEMT
SAV-551+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 7 of 13
P1dB vs FREQUENCY & TEMPERATURE (1,2)
@ VDS=4V, IDS=15mA
15
16
17
18
19
20
21
22
23
24
25
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
FREQUENCY (GHz)
-45°C
+25°C
+85°C
F Min vs FREQ @ VDS=3V (3)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
FREQUENCY (GHz)
10 mA
15 mA
20 mA
Notes:
Noise parameters were measured over 0.5 to 6 GHz by Modelithics® using a solid state tuner-based noise parameter (NP) test
system available from Maury Microwave. F Min, optimimum source reflection coefficient and noise resistance values are calculated
values based on a set of measurements made at approximately 16 different impedances. Some data smoothing was applied to ar-
rive at the presented data set.
S-parameters were measured by Modelithics® on an Anritsu Lightning vector network analyzer over 0.1 to 18GHz using 350um
pitch RF probes from GGB industries combined with customized thru-reflect-line (TRL) calibration standards. The reference plane is
at the device package leads, as shown in the picture.
Fig 3. Reference Plane Location
Reference Plane Location for S and Noise Parameters (see data in pages 8-11)
(Refer to Application Note AN-60-040)
(1) Includes test board loss, set-up and conditions per Figure 1.
(2) Measured using HP4155B semiconductor parameter analyzer.
(3) F Min is minimum Noise Figure.
(4) Drain current was allowed to increase during compression measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com