Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAM-3 Datasheet(PDF) 3 Page - Mini-Circuits

Part # VAM-3
Description  Monolithic Amplifier DC-2 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VAM-3 Datasheet(HTML) 3 Page - Mini-Circuits

  VAM-3 Datasheet HTML 1Page - Mini-Circuits VAM-3 Datasheet HTML 2Page - Mini-Circuits VAM-3 Datasheet HTML 3Page - Mini-Circuits VAM-3 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Monolithic MMIC Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
Product Marking
VAM-3+
2
3
14
03
Recommended Application Circuit
R BIAS
Vcc
“1%” Res. Values (ohms)
for Optimum Biasing
7
57.6
8
86.6
9
115
10
143
11
169
12
200
13
226
14
255
15
287
Case Style: MMM168
Suggested Layout for PCB Design: PL-251
VAM-3+: Plastic molded SOT143 style package, lead finish: tin-silver over nickel
Evaluation Board: TB-415-3+
Tape & Reel: F59
7” inch reels with 20, 50, 100, 200, 500, 1000 devices.
Additional Detailed Technical Information
Additional information is available on our web site. To access this information enter the model number on
our web site home page.
Environmental Ratings: ENV08
Performance data, graphs, s-parameter data set (.zip file)
wide lead
Markings in addition to model number designation may appear for internal quality control purposes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com