Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS169 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS169
Description  Synchronous 4-Bit Up/Down Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS169 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54LS169 Datasheet HTML 1Page - National Semiconductor (TI) 54LS169 Datasheet HTML 2Page - National Semiconductor (TI) 54LS169 Datasheet HTML 3Page - National Semiconductor (TI) 54LS169 Datasheet HTML 4Page - National Semiconductor (TI) 54LS169 Datasheet HTML 5Page - National Semiconductor (TI) 54LS169 Datasheet HTML 6Page - National Semiconductor (TI) 54LS169 Datasheet HTML 7Page - National Semiconductor (TI) 54LS169 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock
25
20
MHz
Frequency
tPLH
Propagation Delay Time
Clock to
35
39
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clock to
35
44
ns
High to Low Level Output
Ripple Carry
tPLH
Propagation Delay Time
Clock to
20
24
ns
Low to High Level Output
Any Q
tPHL
Propagation Delay Time
Clock to
23
32
ns
High to Low Level Output
Any Q
tPLH
Propagation Delay Time
Enable T to
18
24
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Enable T to
18
28
ns
High to Low Level Output
Ripple Carry
tPLH
Propagation Delay Time
UpDown to
25
30
ns
Low to High Level Output
Ripple Carry (Note 1)
tPHL
Propagation Delay Time
UpDown to
29
38
ns
High to Low Level Output
Ripple Carry (Note 1)
Note 1
The propagation delay from UPDOWN to RIPPLE CARRY must be measured with the counter at either a minimum or a maximum count As the logic level
of the updown input is changed the ripple carry output will follow If the count is minimum the ripple carry output transition will be in phase If the count is
maximum the ripple carry output will be out of phase
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com