Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # B0520WS
Description  SOD-323 Plastic-Encapsulate Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

B0520WS Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  B0520WS Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd B0520WS Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B0520WS/B0530WS/B0540WS
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
特征
Features
大电流承受能力。
High Current Capability
正向压降低。
Low Forward Voltage Drop
机械数据
Mechanical Data
封装
: SOD-323 封装 SOD-323 Small Outline Plastic Package
极性
: 色环端为负极 Polarity: Color band denotes cathode end
环氧树脂
UL 易燃等级 Epoxy UL: 94V-0
安装位置
: 任意 Mounting Position: Any
极限值和温度特性
(TA = 25℃ 除非另有规定)
Maximum Ratings & Thermal Characteristics (Ratings at 25℃ ambient temperature unless otherwise specified.)
参数
Parameters
符号
Symbol
B0520WS
B0530WS
B0540WS
单位
Unit
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
最大均方根电压
Maximum RMS voltage
VRMS
14
21
28
V
最大直流阻断电压
Maximum DC blocking voltage
VDC
20
30
40
V
最大正向平均整流电流
Maximum average forward rectified current
IFM
0.5
A
峰值正向浪涌电流
8.3ms 单一正弦半波
Peak forward surge current 8.3 ms single half
sine-wave
IFSM
5.5
A
典型热阻
Typical thermal resistance
RθJA
500
℃
/W
功率消耗
Power Dissipation
PD
200
mW
结温
Junction Temperature
Tj
125
℃
存储温度
Storage temperature range
TSTG
-50-+150
℃
Voltage rate of change
Dv/dt
1000
V/uS
电特性
(TA = 25℃ 除非另有规定)
Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified).
参数
Parameters
符号
Symbol
测试条件
Test conditions
B0520WS
B0530WS
B0540WS
单位
Unit
IF = 0.1A
0.330
0.375
---
IF = 0.5A
0.390
0.450
0.510
最大正向电压
Maximum forward voltage
VF
IF = 1.0A
---
---
0.620
V
IR=250uA
20
---
---
IR=200uA
---
30
---
最大反向电压
Maximum reverse breakdown voltage
VR
IR=20.0uA
---
---
40
V
VR=10V
75
---
---
VR=15V
---
80
---
VR=20V
250
---
10
VR=30V
---
500
---
最大反向电流
Maximum reverse current
IR
VR=40V
---
---
20
uA
Capacitance between terminals
CT
VR = 0V, f = 1MHz
170
pF
R
SEMICONDUCT OR
SOD-323
Marking: B0520WS: SD
B0530WS: SE
B0540WS: SF
JINAN JINGHENG ELECTRONICS CO., LTD.
2-1
HTTP://WWW.JINGHENGGROUP.COM


Similar Part No. - B0520WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
63Kb / 2P
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product
B0520WS DIODES-B0520WS Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
B0520WS TSC-B0520WS Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 12 - 2 June 2008
More results

Similar Description - B0520WS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
RB551V-30 SSC-RB551V-30 Datasheet
364Kb / 2P
SOD-323 Plastic-Encapsulate Diode
logo
WILLAS ELECTRONIC CORP
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
1N4148WS WILLAS-1N4148WS Datasheet
481Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Jinan Jingheng (Group) ...
B0520W JINANJINGHENG-B0520W Datasheet
259Kb / 2P
SOD-123 Plastic-Encapsulate Schottky Barrier Diode
BAT54WS JINANJINGHENG-BAT54WS Datasheet
261Kb / 2P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
logo
Tiger Electronic Co.,Lt...
BZT52B5V1S TGS-BZT52B5V1S Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Rectron Semiconductor
B16WS RECTRON-B16WS Datasheet
314Kb / 4P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
20 REV:O 22-01/97
logo
Nanjing International G...
B1040WS DGNJDZ-B1040WS Datasheet
1,023Kb / 4P
SOD-323 Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
CESD3V3D3 UMW-CESD3V3D3 Datasheet
608Kb / 5P
SOD-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com