Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60SL600AI Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP60SL600AI
Description  Fast Switching Characteristic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP60SL600AI Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP60SL600AI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP60SL600AI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP60SL600AI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP60SL600AI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP60SL600AI Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP60SL600AI
0.37Ω
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
Fig 11. Total Power Dissipation
Fig 12. Normalized BVDSS v.s. Junction
Temperature
4
0.1
1
10
100
1000
10000
0
100
200
300
400
500
600
700
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
10
12
0
4
8
12
16
20
24
Q G , Total Gate Charge (nC)
I D =2A
V DS =480V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
10us
100us
1ms
10ms
100ms
1s
DC
0
10
20
30
40
0
50
100
150
T C , Case Temperature (
o C )
Operation in this area
limited by RDS(ON)
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =1mA
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com