Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC6A Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # CC6A
Description  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CC6A Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CC6A Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOLDER PAD LAYOUT
TOP VIEW
3.50
(typ)
2.20
(typ)
0.90
(max)
1.00
1.00
0.80
0.90
1.20
1.30
12
43
PAD
1
2
3
4
CONNECTION
Crystal
Not connected
Crystal
Not connected
1
4
2
3
SM Crystal -55+125°C
CC6A
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
11 Nov 2013
Product name + option codes + frequency
eg: CC6A-T1A/TB 16.0MHz ±50ppm over -40 to +85°C
CC6A-T1A/TC 24.0MHz ±100ppm over -55 to +125°C
Option code X (eg CC6A-T1A/X) denotes a custom spec.
Ordering Information
Available on T&R - 1k or 3k pcs per reel.
Product
CC6A
Option
Codes
Parameters
Standard. Optional - Please specify required code(s) when ordering
Specifications
Features
Suitable for Avionics, Sat Comms etc
Military temperature range -55+125°C option
High stability & low ageing
High shock & vibration resistance
Fundamental mode up to 70MHz
Hermetically sealed
2011/65/EU
Terminations:
Gold flashed pads
T1A
Sn/Ag/Cu plated pads
T3A
Frequency range:
16.0 ~ 70.0MHz
Calibration tolerance (@ 25°C):
±50ppm
Temperature stability:
±50ppm over -40 to +85°C
TB
±100ppm over -55 to +125°C
TC
Storage temperature range:
-55 to +125°C
Circuit condition:
20pF
Other values
specify
Oscillation mode:
Fundamental
Equivalent series resistance (typ/max):
60/120Ω (16.0 ~ 19.99MHz)
40/85Ω (20.0 ~ 23.99MHz)
30/50Ω (24.0 ~ 39.99MHz)
20/40Ω (40.0 ~ 70.0MHz)
Motional capacitance (typ/max):
2/4fF (16.0 ~ 19.99MHz)
3/5fF (20.0 ~ 23.99MHz)
4/6fF (24.0 ~ 39.99MHz)
5/8fF (40.0 ~ 70.0MHz)
Static capacitance (typ):
1.5pF (16.0 ~ 19.99MHz)
2.0pF (20.0 ~ 23.99MHz)
2.5pF (24.0 ~ 39.99MHz)
3.0pF (40.0 ~ 70.0MHz)
Ageing:
±3ppm max first year
Test drive level:
100μW typ, 250μW max
Shock resistance:
5,000G, 0.3ms, ½ sine
Vibration resistance:
20G rms 10.0 ~ 2,000Hz
Soldering condition: 260°C, 20s max


Similar Part No. - CC6A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
AT Crystal 16 MHz - 70 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
AT Crystal 16 MHz ??70 MHz
logo
Golledge Electronics Lt...
CC6A-T1A GOLLEDGE-CC6A-T1A Datasheet
561Kb / 5P
Suitable for Avionics, Sat Comms etc
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
logo
Golledge Electronics Lt...
CC6A-T1AH GOLLEDGE-CC6A-T1AH Datasheet
121Kb / 1P
SM Crystal
More results

Similar Description - CC6A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com