Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1210MP Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP1210MP
Description  2.5A SINK/SOURCE BUS TERMINATION REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1210MP Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP1210MP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP1210MP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced Power
Electronics Corp.
AP1210MP
ABSOLUTE MAXIMUM RATINGS
(Note1)
Input Voltage (VIN) ------------------------------------------ 6V
CNTL Pin Voltage (VCNTL) -------------------------------- 6V
Power Dissipation (PD) ------------------------------------ Internally Limited
Storage Temperature Range (TST) --------------------- -65 to +150°C
Lead Temperature (Soldering, 10sec.) --------------- 260°C
28°C/W
Note1 : Exceeding the absolute maximum rating may damage the device.
OPERATING RATING
(Note2)
Input Voltage (VIN) ------------------------------------------ 2.5V to 1.1V +3%
CNTL Pin Voltage (VCNTL) -------------------------------- 5.5V or 3.3V +5%
Junction Temperature Range (TJ) --------------------- -40 to +125°C
Ambient Temperature Range (TA) --------------------- -40 to +85°C
Note2 : The device is not guaranteed to function outside its operating conditions.
ORDERING / PACKAGE INFORMATION
(VIN=1.8V, VCNTL=3.3V, VREFEN=0.9V, COUT=10uF(Ceramic), TA =25
oC, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VCNTL Operation Current
ICNTL
IOUT = 0A
-
0.5
2.5
mA
Standby Current
ISTBY
VREFEN= 0V (Shutdown)
-
25
uA
VIN Shutdown Current
IVIN
VREFEN= 0V (Shutdown)
-
-
5
uA
VCNTL UVP Rising Threshold
VCOP
VCNTL Rising
1.9
2.3
2.7
V
VCNTL UVP Hysteresis
VCHYS
-
0.35
-V
VIN UVP Rising Threshold
VIOP
VIOP Rising
0.7
0.84
1V
VIN UVP Hysteresis
VIHYS
-
0.1
-V
IOUT = 10mA
-20
-
20
IOUT = -10mA
-20
-
20
VIN=1.8V, VREFEN=0.9V, IOUT=+10mA ~ +2.5A
-20
-
20
VIN=1.5V, VREFEN=0.75V, IOUT=+10mA ~ +2.5A
-20
-
20
VIN=1.2V, VREFEN=0.6V, IOUT=+10mA ~ +2.5A
-20
-
20
VIN=1.1V, VREFEN=0.55V, IOUT=+10mA ~ +2.5A
-20
-
20
ELECTRICAL SPECIFICATIONS
Input
mV
Δ
VLoad
2
Thermal Resistance from Junction to Case (Rthjc)
Output (DDR / DDRII / DDRIII)
UVP Function
Output Offset Voltage
(Note3)
Δ
VOS
Load Regulation
(Note4)
( Top View )
1
2
3
4
8
7
6
5
REFEN
ESOP-8
NC
NC
GND
VIN
NC
VCNTL
VOUT
GND
Rthja = 75
oC/W
AP1210X
Package Type
MP : ESOP-8
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com