Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2525 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP2525
Description  3.0V to 5.5V USB Power Control Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2525 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP2525 Datasheet HTML 8Page - Sipex Corporation SP2525 Datasheet HTML 9Page - Sipex Corporation SP2525 Datasheet HTML 10Page - Sipex Corporation SP2525 Datasheet HTML 11Page - Sipex Corporation SP2525 Datasheet HTML 12Page - Sipex Corporation SP2525 Datasheet HTML 13Page - Sipex Corporation SP2525 Datasheet HTML 14Page - Sipex Corporation SP2525 Datasheet HTML 15Page - Sipex Corporation SP2525 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
Rev. 8/21/01
SP2525 +3.0 to +5.5 Power Control Switch
© Copyright 2001 Sipex Corporation
Model
Temperature Range
Package Types
SP2525-1EN ................................................... -40
°C to +85°C ................................................... 8-pin NSOIC
SP2525-1EN/TR .............................................. -40
°C to +85°C ........................... (Tape & Reel) 8-pin NSOIC
SP2525-2EN ................................................... -40
°C to +85°C ................................................... 8-pin NSOIC
SP2525-2EN/TR .............................................. -40
°C to +85°C ........................... (Tape & Reel) 8-pin NSOIC
ORDERING INFORMATION
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com