Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP236A Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP236A
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP236A Datasheet(HTML) 3 Page - Sipex Corporation

  SP236A Datasheet HTML 1Page - Sipex Corporation SP236A Datasheet HTML 2Page - Sipex Corporation SP236A Datasheet HTML 3Page - Sipex Corporation SP236A Datasheet HTML 4Page - Sipex Corporation SP236A Datasheet HTML 5Page - Sipex Corporation SP236A Datasheet HTML 6Page - Sipex Corporation SP236A Datasheet HTML 7Page - Sipex Corporation SP236A Datasheet HTML 8Page - Sipex Corporation SP236A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
0V
5V
0V
5V
0V
0V
T
IN
T
IN
T
OUT
T
OUT
R
L = 3kΩ, CL = 2,500pF
No load
Transmitter Propagation Delay
Transmitter Output Waveforms
Receiver Output Waveform
Shutdown to V+, V– Rise Time
In
Out
5V
0V
0V
SD
V+
V–
Rise Time
R
L = 3kΩ; CL = 2,500pF
All inputs = 20kHz
T
IN
T
OUT
T
IN
T
OUT
Fall Time
R
L = 3kΩ; CL = 2,500pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com