Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310A Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP310A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310A Datasheet(HTML) 2 Page - Sipex Corporation

  SP310A Datasheet HTML 1Page - Sipex Corporation SP310A Datasheet HTML 2Page - Sipex Corporation SP310A Datasheet HTML 3Page - Sipex Corporation SP310A Datasheet HTML 4Page - Sipex Corporation SP310A Datasheet HTML 5Page - Sipex Corporation SP310A Datasheet HTML 6Page - Sipex Corporation SP310A Datasheet HTML 7Page - Sipex Corporation SP310A Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SP231ADS/01
SP231A Enhanced RS-232 Line Drivers/Receivers
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability.
V
cc
.................................................................................................................................................................
+6V
V+ .................................................................................................................... (Vcc-0.3V) to +13.2V
V- .............................................................................................................................................................. 13.2V
Input Voltages
T
IN
.........................................................................................................................
-0.3 to (Vcc +0.3V)
R
IN
............................................................................................................................................................
±30V
Output Voltages
T
OUT
....................................................................................................
(V+, +0.3V) to (V-, -0.3V)
R
OUT
................................................................................................................
-0.3V to (Vcc +0.3V)
Short Circuit Duration
T
OUT
.........................................................................................................................................
Continuous
Power Dissipation
CERDIP .............................................................................. 675mW
(derate 9.5mW/
°C above +70°C)
Plastic DIP .......................................................................... 375mW
(derate 7mW/
°C above +70°C)
Small Outline ...................................................................... 375mW
(derate 7mW/
°C above +70°C)
SPECIFICATIONS
V
CC=+5V±10%; V+=+8.5V to +13.2V (SP231A only) 0.1µF charge pump capacitors; TMIN to TMAX
unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
TTL INPUT
Logic Threshold
LOW
0.8
Volts
T
IN ; EN, SD
HIGH
2.0
Volts
T
IN ; EN, SD
Logic Pullup Current
15
200
µAT
IN = 0V
Maximum Data Rate
120
kbps
C
L = 2500pF, RL= 3kΩ
TTL OUTPUT
TTL/CMOS Output
Voltage, Low
0.4
Volts
I
OUT = 3.2mA; Vcc = +5V
Voltage, High
3.5
Volts
I
OUT = -1.0mA
Leakage Current **; T
A = +25°
0.05
±10
µA
EN = V
CC, 0V≤VOUT ≤VCC
RS-232 OUTPUT
Output Voltage Swing
±5
±9
Volts
All transmitter outputs loaded
with 3k
Ω to Ground
Output Resistance
300
Ohms
V
CC = 0V; VOUT =
±2V
Output Short Circuit Current
±18
mA
Infinite duration
RS-232 INPUT
Voltage Range
-30
+30
Volts
Voltage Threshold
LOW
0.8
1.2
Volts
V
CC = 5V, TA = +25°C
HIGH
1.7
2.4
Volts
V
CC = 5V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
V
CC = 5V, TA = +25°C
Resistance
3
5
7
k
T
A = +25°C, -15V ≤ VIN ≤ +15V
DYNAMIC CHARACTERISTICS
Propagation Delay, RS232 to TTL
1.5
µs
Instantaneous Slew Rate
30
V/
µsC
L = 10pF, RL= 3-7kΩ;
T
A =+25°C
Transition Region Slew Rate
10
V/
µsC
L = 2500pF, RL= 3kΩ;
measured from +3V to -3V
or -3V to +3V
Output Enable Time **
400
ns
SP310A and SP312A only
Output Disable Time **
250
ns
SP310A and SP312A only
POWER REQUIREMENTS
V
CC Power Supply Current
10
15
mA
No load, T
A= +25°C; VCC = 5V
25
mA
All transmitters R
L = 3kΩ;
T
A
= +25
°C
V+ Power Supply Current ***
9
15
mA
No load, V+ = 12V,T
A=+25°C
Shutdown Supply Current **
1
10
µAV
CC = 5V, TA = +25°C
**SP310A and SP312A only; *** SP231A only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com