Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3203E Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203E Datasheet(HTML) 3 Page - Sipex Corporation

  SP3203E Datasheet HTML 1Page - Sipex Corporation SP3203E Datasheet HTML 2Page - Sipex Corporation SP3203E Datasheet HTML 3Page - Sipex Corporation SP3203E Datasheet HTML 4Page - Sipex Corporation SP3203E Datasheet HTML 5Page - Sipex Corporation SP3203E Datasheet HTML 6Page - Sipex Corporation SP3203E Datasheet HTML 7Page - Sipex Corporation SP3203E Datasheet HTML 8Page - Sipex Corporation SP3203E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Rev.
2/7/01
SP3203E
© Copyright 2001 Sipex Corporation
SPECIFICATIONS (continued)
(V
CC = VL = +3V to +5.5V, C1-C4 = 0.1uF, tested at +3.3V
+10%, C1 = 0.047
uF, C2-C4 = 0.33uF, tested at +5.0V +10%, T
A = TMIN to TMAX, unless
otherwise noted. Typical values are at V
CC = VL
+3.3V, T
A = +25°C.)
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
T
U
P
N
I
R
E
V
I
E
C
E
R
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I5
2
-5
2
+V
w
o
L
d
l
o
h
s
e
r
h
T
t
u
p
n
I
8
.
05
.
1
VT
A
5
2
+
=
OC
V
L
V
0
.
5
=
6
.
02
.
1V
L
V
3
.
3
r
o
V
5
.
2
=
h
g
i
H
d
l
o
h
s
e
r
h
T
t
u
p
n
I
8
.
14
.
2
VT
A
5
2
+
=
OC
V
L
V
0
.
5
=
5
.
14
.
2V
L
V
3
.
3
r
o
V
5
.
2
=
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I5
.
0V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
3
5
7
k
Ω
T
A
5
2
+
=
OC
S
T
U
P
T
U
O
R
E
T
T
I
M
S
N
A
R
T
g
n
i
w
S
e
g
a
t
l
o
V
Output
.
5
±5
± .4
V
All transmitter outputs loaded with 3kohm to GND. TA=25OC
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
00
3M
0
1
Ω
V
C
C
V
2
±
=
t
u
p
t
u
o
r
e
t
t
i
m
s
n
a
r
t
,
0
=
-
V
=
+
V
=
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S
t
u
p
t
u
O0
6
±A
mV
T
U
O
x
T
0
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O5
2
±
µA
V
T
U
O
x
T
;
d
e
l
b
a
s
i
d
r
e
t
t
i
m
s
n
a
r
t
,
2
1
±
=
V
C
C
V
5
.
5
o
t
V
0
.
3
r
o
0
=
N
O
I
T
C
E
T
O
R
P
D
S
E
T
U
O
x
T
,
RxIN
n
o
i
t
c
e
t
o
r
P
D
S
E
5
1
±
V
k
l
e
d
o
M
y
d
o
B
n
a
m
u
H
5
1
±e
g
r
a
h
c
s
i
D
p
a
G
r
i
A
2
-
4
-
0
0
0
1
C
E
I
8
±e
g
r
a
h
c
s
i
D
t
c
a
t
n
o
C
2
-
4
-
0
0
0
1
C
E
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com