Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP322 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP322
Description  Programmable V.11/V.35 Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP322 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP322 Datasheet HTML 5Page - Sipex Corporation SP322 Datasheet HTML 6Page - Sipex Corporation SP322 Datasheet HTML 7Page - Sipex Corporation SP322 Datasheet HTML 8Page - Sipex Corporation SP322 Datasheet HTML 9Page - Sipex Corporation SP322 Datasheet HTML 10Page - Sipex Corporation SP322 Datasheet HTML 11Page - Sipex Corporation SP322 Datasheet HTML 12Page - Sipex Corporation SP322 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SP322DS/06
SP322 V.11/V.35 Serial Transceiver
© Copyright 1997 Sipex Corporation
Rev. 7/9/03
SP322 V.11/V.35 Serial Transceiver
© Copyright 2003 Sipex Corporation
9
Figure 26. SP322 Typical Operating Circuit
Figure 25. SP322 Pinout
+5V
1.0µF
SP322
GND
V.11_TERM
1.0µF
1.0µF
1.0µF
C2–
1.0µF
VCC
C1+
C1–
C2+
VDD
VSS
T1IN
T1
T1OUTA
T2IN
T2
R1OUT
T1OUTB
T2OUTA
T2OUTB
T3IN
T3
T3OUTA
R2OUT
R3OUT
T3OUTB
R1
R2
R3
V.11/V.35
T1ENA
T2ENA
T3ENA
R1ENA
R2ENA
R3ENA
R2INA
R2INB
R3INA
R3INB
T
T
R1INA
R1INB
T
Charge Pump
SD
SP322
6
10
11
23
25
30
33
1
5
EN_R2
EN_R3
R1IN(a)
R1IN(b)
R2IN(a)
R2IN(b)
R3IN(a)
R3IN(b)
T1IN
T2IN
T3IN
T1OUT(a)
T1OUT(b)
GND
VCC
T2OUT(a)
T2OUT(b)
GND
VCC
T3OUT(a)
T3OUT(b)
GND
9
8
7
24
26
27
28
29
31
32
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com