Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP230ACT Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP230ACT
Description  5V Powered Multi-Channel RS-232 Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP230ACT Datasheet(HTML) 1 Page - Sipex Corporation

  SP230ACT Datasheet HTML 1Page - Sipex Corporation SP230ACT Datasheet HTML 2Page - Sipex Corporation SP230ACT Datasheet HTML 3Page - Sipex Corporation SP230ACT Datasheet HTML 4Page - Sipex Corporation SP230ACT Datasheet HTML 5Page - Sipex Corporation SP230ACT Datasheet HTML 6Page - Sipex Corporation SP230ACT Datasheet HTML 7Page - Sipex Corporation SP230ACT Datasheet HTML 8Page - Sipex Corporation SP230ACT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Date: 8/3/04
+ 5V Powered Multi-Channel RS-232 Drivers/Receivers
© Copyright 2004 Sipex Corporation
■ Operates from Single +5V Power Supply
■ Meets All RS-232D and V.28 Specifications
■ ±9V Output Swing with +5V Supply
■ Improved Driver Output Capacity for
Mouse Applications
■ Low Power Shutdown – 1µA
■ WakeUp Feature in Shutdown Mode
■ 3–State TTL/CMOS Receiver Outputs
■ ±30V Receiver Input Levels
■ Low Power CMOS – 5mA Operation
■ Wide Charge Pump Capacitor Value
Range – 1-10µF
DESCRIPTION…
The SP230A Series are multi–channel RS-232 line drivers/receivers that provide a variety of
configurations to fit most communication needs, especially where ±12V is not available. Some models
feature a shutdown mode to conserve power in battery-powered systems. Some require no external
components. All, except one model, feature a built-in charge pump voltage converter, allowing them
to operate from a single +5V power supply. All drivers and receivers meet all EIA RS-232D and CCITT
V.28 requirements. The Series is available in plastic DIP and SOIC packages.
SELECTION TABLE
No. of
No. of
Power
RS-232
RS-232
External
Low Power
TTL
Wake- No. of
Model
Supplies
Drivers
Rcvrs
Components
Shutdown 3–State
Up
Pins
SP230A
+5V
5
0
4 Capacitors
Yes
No
No
20
SP234A
+5V
4
0
4 Capacitors
No
No
No
16
SP235A
+5V
5
5
None
Yes
Yes
No
24
SP235B
+5V
5
5
None
Yes
Yes
Yes
24
SP236A
+5V
4
3
4 Capacitors
Yes
Yes
No
24
SP236B
+5V
4
3
4 Capacitors
Yes
Yes
Yes
24
SP237A
+5V
5
3
4 Capacitors
No
No
No
24
SP238A
+5V
4
4
4 Capacitors
No
No
No
24
SP240A
+5V
5
5
4 Capacitors
Yes
Yes
No
44
SP240B
+5V
5
5
4 Capacitors
Yes
Yes
Yes
44
SP241A
+5V
4
5
4 Capacitors
Yes
Yes
No
28
SP241B
+5V
4
5
4 Capacitors
Yes
Yes
Yes
28
SP230A/234A/235A/236A/237A/238A/241A
SP235B/236B/240A/240B/241A/241B
+5V Powered Multi-Channel RS-232 Drivers/Receivers
®
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
T OUT
T OUT
T IN
T IN
V-
C -
C +
C -
3
4
2
2
1
T OUT
T OUT
T IN
T IN
GND
V
C +
V+
1
2
CC
1
2
1
3
4
Now Available in Lead Free Packaging


Similar Part No. - SP230ACT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP230ACT SIPEX-SP230ACT Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
More results

Similar Description - SP230ACT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232 STMICROELECTRONICS-ST232 Datasheet
93Kb / 11P
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
Feb-2001
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
STMicroelectronics
ST202 STMICROELECTRONICS-ST202 Datasheet
527Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
09-Mar-2006
ST202B STMICROELECTRONICS-ST202B Datasheet
303Kb / 18P
5V Powered multi-channel RS-232 drivers and receivers
16-Jul-2007
ST232 STMICROELECTRONICS-ST232_06 Datasheet
337Kb / 19P
5V Powered multi-channel RS-232 drivers and receivers
27-Oct-2006
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
logo
Exar Corporation
SP238A EXAR-SP238A Datasheet
528Kb / 12P
5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com